Electronic Components Datasheet Search
  English  ▼

X  

CDCU877A Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # CDCU877A
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCU877A Datasheet(HTML) 18 Page - Texas Instruments

Back Button CDCU877A Datasheet HTML 14Page - Texas Instruments CDCU877A Datasheet HTML 15Page - Texas Instruments CDCU877A Datasheet HTML 16Page - Texas Instruments CDCU877A Datasheet HTML 17Page - Texas Instruments CDCU877A Datasheet HTML 18Page - Texas Instruments CDCU877A Datasheet HTML 19Page - Texas Instruments CDCU877A Datasheet HTML 20Page - Texas Instruments CDCU877A Datasheet HTML 21Page - Texas Instruments CDCU877A Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints. Refer to Texas Instruments
Literature number SNVA009 (www.ti.com/lit/snva009).
EXAMPLE BOARD LAYOUT
4225135/A 08/2019
www.ti.com
NFBGA - 1 mm max height
NMK0052A
PLASTIC BALL GRID ARRAY
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE: 10X
SOLDER MASK DETAILS
NOT TO SCALE
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
SOLDER MASK
OPENING
(Ø0.35)
METAL
EXPOSED
METAL
EXPOSED
METAL
METAL UNDER
SOLDER MASK
(Ø0.35)
SOLDER MASK
OPENING
(0.65) TYP
(0.65) TYP
A
B
C
D
E
F
G
H
J
K
1
2
3
4
5
6
NON- SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
52X (Ø0.35)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com