Electronic Components Datasheet Search
  English  ▼

X  

LP8733-Q1 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733-Q1
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733-Q1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP8733-Q1 Datasheet HTML 17Page - Texas Instruments LP8733-Q1 Datasheet HTML 18Page - Texas Instruments LP8733-Q1 Datasheet HTML 19Page - Texas Instruments LP8733-Q1 Datasheet HTML 20Page - Texas Instruments LP8733-Q1 Datasheet HTML 21Page - Texas Instruments LP8733-Q1 Datasheet HTML 22Page - Texas Instruments LP8733-Q1 Datasheet HTML 23Page - Texas Instruments LP8733-Q1 Datasheet HTML 24Page - Texas Instruments LP8733-Q1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
Frequency
21
LP8733-Q1
www.ti.com
SNVSB64 – SEPTEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
7.3.1.5 Buck Converter Load Current Measurement
Buck load current can be monitored via I2C registers. The monitored buck converter is selected with the
LOAD_CURRENT_BUCK_SELECT bit in SEL_I_LOAD register. A write to this selection register starts a current
measurement sequence. The regulator is automatically forced to PWM mode for the measurement period. The
measurement sequence is 50 µs long, maximum.
LP8733xx-Q1 can be configured to give out an interrupt (I_MEAS_INT bit in INT_TOP_1 register) after the load
current measurement sequence is finished. Load current measurement interrupt can be masked with
I_MEAS_MASK bit (TOP_MASK_1 register). The measurement result can be read from registers I_LOAD_1 and
I_LOAD_2. Register I_LOAD_1 bits BUCK_LOAD_CURRENT[7:0] give out the LSB bits and register I_LOAD_2
bit BUCK_LOAD_CURRENT[8] the MSB bit. The measurement result BUCK_LOAD_CURRENT[8:0] LSB is 20
mA, and maximum code value of the measurement corresponds to 10.22 A. In dual-phase configuration the
measured current is the total value of the master and slave phases.
7.3.1.6 Spread-Spectrum Mode
Systems with periodic switching signals may generate a large amount of switching noise in a set of narrowband
frequencies (the switching frequency and its harmonics). The usual solution to reduce noise coupling is to add
EMI-filters and shields to the boards. The LP8733xx-Q1 has register selectable spread-spectrum mode which
minimizes the need for output filters, ferrite beads, or chokes. In spread spectrum mode, the switching frequency
varies around the center frequency, reducing the EMI emissions radiated by the converter and associated
passive components and PCB traces (see Figure 11). This feature is available only when internal RC oscillator is
used (EN_PLL bit is 0 in PLL_CTRL register), and it is enabled with the EN_SPREAD_SPEC bit in CONFIG
register, and it affects both buck cores.
Where a fixed frequency converter exhibits large amounts of spectral energy at the switching frequency, the spread
spectrum architecture of the LP8733xx-Q1 spreads that energy over a large bandwidth.
Figure 11. Spread-Spectrum Modulation
7.3.2 Sync Clock Functionality
The LP8733xx-Q1 device contains a CLKIN input to synchronize the switching clock of the buck regulators with
the external clock. The block diagram of the clocking and PLL module is shown in Figure 12. Depending on the
EN_PLL bit in PLL_CTRL register and the external clock availability, the external clock is selected and interrupt
is generated as shown in Table 2. The interrupt can be masked with SYNC_CLK_MASK bit in TOP_MASK_1
register. The nominal frequency of the external input clock is set by EXT_CLK_FREQ[4:0] bits in PLL_CTRL
register, and it can be from 1 MHz to 24 MHz with 1-MHz steps. The external clock must be inside accuracy
limits (–30%/+10%) of the selected frequency for valid clock detection.
The SYNC_CLK_INT interrupt in INT_TOP_1 register is also generated in cases where the external clock is
expected but it is not available. These cases are start-up (read OTP-to-standby transition) when EN_PLL is 1
and Buck regulator enable (standby-to-active transition) when EN_PLL is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com