Electronic Components Datasheet Search
  English  ▼

X  

POPA2145ID Datasheet(PDF) 19 Page - Texas Instruments

Part # POPA2145ID
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

POPA2145ID Datasheet(HTML) 19 Page - Texas Instruments

Back Button POPA2145ID Datasheet HTML 15Page - Texas Instruments POPA2145ID Datasheet HTML 16Page - Texas Instruments POPA2145ID Datasheet HTML 17Page - Texas Instruments POPA2145ID Datasheet HTML 18Page - Texas Instruments POPA2145ID Datasheet HTML 19Page - Texas Instruments POPA2145ID Datasheet HTML 20Page - Texas Instruments POPA2145ID Datasheet HTML 21Page - Texas Instruments POPA2145ID Datasheet HTML 22Page - Texas Instruments POPA2145ID Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
7.3.5 Phase-Reversal Protection
The OPAx145 has internal phase-reversal protection. Many FET-input and bipolar-input op amps exhibit a phase
reversal when the input is driven beyond its linear common-mode range. This condition is most often
encountered in noninverting circuits when the input is driven beyond the specified common-mode voltage range,
causing the output to reverse into the opposite rail. The input circuitry of the OPAx145 prevents phase reversal
with excessive common-mode voltage; instead, the output limits into the appropriate rail (see Figure 6-28).
7.3.6 Electrical Overstress
Designers often ask questions about the capability of an operational amplifier to withstand electrical overstress.
These questions tend to focus on the device inputs, but may involve the supply voltage pins or even the output
pin. Each of these different pin functions have electrical stress limits determined by the voltage breakdown
characteristics of the particular semiconductor fabrication process and specific circuits connected to the pin.
Additionally, internal electrostatic discharge (ESD) protection is built into these circuits to protect them from
accidental ESD events both before and during product assembly.
A good understanding of this basic ESD circuitry and its relevance to an electrical overstress event is helpful.
See Figure 7-3 for an illustration of the ESD circuits contained in the OPAx145 (indicated by the dashed line
area). The ESD protection circuitry involves several current-steering diodes connected from the input and output
pins and routed back to the internal power-supply lines, where the power supply is connected to an absorption
device internal to the operational amplifier. This protection circuitry is intended to remain inactive during normal
circuit operation.
An ESD event produces a short duration, high-voltage pulse that is transformed into a short duration, highcurrent
pulse that discharges through a semiconductor device. The ESD protection circuits are designed to provide a
current path around the operational amplifier core to prevent the amplifier from being damaged. The energy
absorbed by the protection circuitry is then dissipated as heat.
When an ESD voltage develops across two or more of the amplifier device pins, current flows through one or
more of the steering diodes. Depending on the path that the current takes, the absorption device may activate.
The absorption device has a trigger, or threshold voltage, that is greater than the normal operating voltage of the
OPAx145 but less than the device breakdown voltage level. After this threshold is exceeded, the absorption
device quickly activates and clamps the voltage across the supply rails to a safe level.
When the operational amplifier connects into a circuit, such as the one Figure 7-3 shows, the ESD protection
components are intended to remain inactive and not become involved in the application circuit operation.
However, circumstances may arise where an applied voltage exceeds the operating voltage range of a given pin.
If this condition occurs, there is a risk that some of the internal ESD protection circuits may be biased on, and
conduct current. Any such current flow occurs through steering diode paths and rarely involves the absorption
device.
Figure 7-3 depicts a specific example where the input voltage, VIN, exceeds the positive supply voltage (+VS) by
500 mV or more. Much of what happens in the circuit depends on the supply characteristics. If +VS can sink the
current, one of the upper input steering diodes conducts and directs current to +V S. Excessively high current
levels can flow with increasingly higher V IN. As a result, the data sheet specifications recommend that
applications limit the input current to 10 mA.
If the supply is not capable of sinking the current, VIN may begin sourcing current to the operational amplifier,
and then take over as the source of positive supply voltage. The danger in this case is that the voltage can rise
to levels that exceed the operational amplifier absolute maximum ratings.
Another common question involves what happens to the amplifier if an input signal is applied to the input while
the power supplies +VS or –VS are at 0 V. The answer depends on the supply characteristic while at 0 V, or at a
level less than the input signal amplitude. If the supplies appear as high impedance, then the operational
amplifier supply current may be supplied by the input source through the current steering diodes. This state is
not a normal bias condition; the amplifier most likely will not operate normally. If the supplies are low impedance,
then the current through the steering diodes can become quite high. The current level depends on the ability of
the input source to deliver current, and any resistance in the input path.
www.ti.com
OPA145,, OPA2145
SBOS427E – JUNE 2017 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA145, OPA2145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com