Electronic Components Datasheet Search
  English  ▼

X  

1132949 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1132949
Description  Parallel gripper
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1132949 Datasheet(HTML) 1 Page - Festo Corporation.

  1132949 Datasheet HTML 1Page - Festo Corporation. 1132949 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parallel gripper
HGPD-40-A-G1
Part number: 1132949
Data sheet
Feature
Value
Size
40
40
Stroke per gripper jaw
10 mm
Max. interchangeability
≤0.2 mm
Max. gripper jaw angular play ax, ay
≤0.1 deg
Max. gripper jaw backlash Sz
≤0.02 mm
Rotational symmetry
≤0.2 mm
Pneumatic gripper repetition accuracy
≤0.05 mm
Type code
HGPD
HGPD
Number of gripper jaws
2
Mounting position
Any
Any
Mode of operation
Double-acting
Gripper function
Parallel
Parallel
Gripping force backup
On opening
Design
Positively driven motion sequence
Inclined plane
Inclined plane
Positively driven motion sequence
Position sensing
For proximity sensor
For proximity sensor
Symbol
00995947
00995947
Operating pressure
4 bar ... 8 bar
Operating pressure for sealing air
0 bar ... 0.5 bar
Max. operating frequency of pneumatic gripper
≤2 Hz
Min. opening time at 6 bar
73 ms
Min. closing time at 6 bar
157 ms
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
2 - Moderate corrosion stress
Degree of protection
IP65
IP65
Ambient temperature
5 °C ... 60 °C
12/10/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 1132949

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1132940 FESTO-1132940 Datasheet
96Kb / 2P
Parallel gripper
1132941 FESTO-1132941 Datasheet
94Kb / 2P
Parallel gripper
1132942 FESTO-1132942 Datasheet
97Kb / 2P
Parallel gripper
1132943 FESTO-1132943 Datasheet
100Kb / 2P
Parallel gripper
1132944 FESTO-1132944 Datasheet
99Kb / 2P
Parallel gripper
More results

Similar Description - 1132949

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HGPP-32-A-G2 FESTO-HGPP-32-A-G2 Datasheet
104Kb / 1P
Parallel gripper
HGPT-20-A-B-G1 FESTO-HGPT-20-A-B-G1 Datasheet
105Kb / 2P
Parallel gripper
HGPT-25-A-B-F FESTO-HGPT-25-A-B-F Datasheet
99Kb / 2P
Parallel gripper
HGPT-25-A-B-F-G1 FESTO-HGPT-25-A-B-F-G1 Datasheet
105Kb / 2P
Parallel gripper
HGPT-25-A-B-F-G2 FESTO-HGPT-25-A-B-F-G2 Datasheet
104Kb / 2P
Parallel gripper
HGPT-25-A-B-G1 FESTO-HGPT-25-A-B-G1 Datasheet
105Kb / 2P
Parallel gripper
HGPT-35-A-B FESTO-HGPT-35-A-B Datasheet
95Kb / 2P
Parallel gripper
HGPT-40-A-B-G2 FESTO-HGPT-40-A-B-G2 Datasheet
94Kb / 2P
Parallel gripper
HGPT-63-A-B-G1 FESTO-HGPT-63-A-B-G1 Datasheet
99Kb / 2P
Parallel gripper
HGPT-80-A-B FESTO-HGPT-80-A-B Datasheet
96Kb / 2P
Parallel gripper
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com