Electronic Components Datasheet Search
  English  ▼

X  

1132956 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1132956
Description  Parallel gripper
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1132956 Datasheet(HTML) 1 Page - Festo Corporation.

  1132956 Datasheet HTML 1Page - Festo Corporation. 1132956 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parallel gripper
HGPD-63-A-G2
Part number: 1132956
Data sheet
Feature
Value
Size
63
63
Stroke per gripper jaw
16 mm
Max. interchangeability
≤0.2 mm
Max. gripper jaw angular play ax, ay
≤0.1 deg
Max. gripper jaw backlash Sz
≤0.02 mm
Rotational symmetry
≤0.2 mm
Pneumatic gripper repetition accuracy
≤0.05 mm
Type code
HGPD
HGPD
Number of gripper jaws
2
Mounting position
Any
Any
Mode of operation
Double-acting
Gripper function
Parallel
Parallel
Gripping force backup
During closing
During closing
Design
Positively driven motion sequence
Inclined plane
Inclined plane
Positively driven motion sequence
Position sensing
For proximity sensor
For proximity sensor
Symbol
00991895
00991895
Operating pressure
4 bar ... 8 bar
Operating pressure for sealing air
0 bar ... 0.5 bar
Max. operating frequency of pneumatic gripper
≤2 Hz
Min. opening time at 6 bar
294 ms
Min. closing time at 6 bar
185 ms
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
2 - Moderate corrosion stress
Degree of protection
IP65
IP65
Ambient temperature
5 °C ... 60 °C
12/10/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 1132956

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1132950 FESTO-1132950 Datasheet
95Kb / 2P
Parallel gripper
1132951 FESTO-1132951 Datasheet
94Kb / 2P
Parallel gripper
1132952 FESTO-1132952 Datasheet
96Kb / 2P
Parallel gripper
1132953 FESTO-1132953 Datasheet
95Kb / 2P
Parallel gripper
1132954 FESTO-1132954 Datasheet
93Kb / 2P
Parallel gripper
More results

Similar Description - 1132956

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HGPP-32-A-G2 FESTO-HGPP-32-A-G2 Datasheet
104Kb / 1P
Parallel gripper
HGPT-20-A-B-G1 FESTO-HGPT-20-A-B-G1 Datasheet
105Kb / 2P
Parallel gripper
HGPT-25-A-B-F FESTO-HGPT-25-A-B-F Datasheet
99Kb / 2P
Parallel gripper
HGPT-25-A-B-F-G1 FESTO-HGPT-25-A-B-F-G1 Datasheet
105Kb / 2P
Parallel gripper
HGPT-25-A-B-F-G2 FESTO-HGPT-25-A-B-F-G2 Datasheet
104Kb / 2P
Parallel gripper
HGPT-25-A-B-G1 FESTO-HGPT-25-A-B-G1 Datasheet
105Kb / 2P
Parallel gripper
HGPT-35-A-B FESTO-HGPT-35-A-B Datasheet
95Kb / 2P
Parallel gripper
HGPT-40-A-B-G2 FESTO-HGPT-40-A-B-G2 Datasheet
94Kb / 2P
Parallel gripper
HGPT-63-A-B-G1 FESTO-HGPT-63-A-B-G1 Datasheet
99Kb / 2P
Parallel gripper
HGPT-80-A-B FESTO-HGPT-80-A-B Datasheet
96Kb / 2P
Parallel gripper
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com