Electronic Components Datasheet Search
  English  ▼

X  

SCE048LD3VC1S Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # SCE048LD3VC1S
Description  Voltage Rating: 28 to 48 VDC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SCE048LD3VC1S Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SCE048LD3VC1S Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
Soft
Continuous
Continuous
Continuous
Loud
Medium
ROHS Compliant
Storage Temperature:
40mA MAX
Connection:
cUL Recognized
Options:
Please contact factory.
6/6 Nylon, Color: Black
28 to 48 VDC
NEMA 3R,4X, & 12:
Approved with use of ACC03.
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
-40° to +85° C
-40° to +85° C
Housing Material:
Knurled Nut:
Panel Mounting:
Weight (Typical):
Dimensions:
cUL Recognition:
Inches (mm)
1.6 oz (45g)
Operating Temperature
Used to attach part to panel. The max recommended torque is 10 in-lbs.
Recommended hole size is 1.25"(31.75mm). Thread front will fit standard 30mm(1.181") hole.
Specifications:
Current Draw:
Loudness @ 2 FT:
Sound Level Category:
Mode of Operation:
Voltage Rating:
Frequency:
SCE048LD3VC1S
A
Mallory Sonalert Products,Inc.
Sales Outline Drawing
TERMINALS ONLY
TERMINALS; BLUE WIRE
TO (-)
TERMINALS; YELLOW
WIRE TO (-)
2900 ± 500 Hz
2900 ± 500 Hz
65 to 75 dB(A) Typ.
2900 ± 500 Hz
85 to 95 dB(A) Typ.
75 to 85 dB(A) Typ.
Made in U.S.A.
A
Solutions
SO
N
E
L
RT
®


Similar Part No. - SCE048LD3VC1S

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SCE048LD3VC1B MSPI-SCE048LD3VC1B Datasheet
75Kb / 1P
Voltage Rating: 28 to 48 VDC
SCE048LD3VC1F MSPI-SCE048LD3VC1F Datasheet
77Kb / 1P
Voltage Rating: 28 to 48 VDC
More results

Similar Description - SCE048LD3VC1S

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SCE048MD3DT7B MSPI-SCE048MD3DT7B Datasheet
55Kb / 1P
Voltage Rating 28 to 48 VDC
SCE048MD3MG5B MSPI-SCE048MD3MG5B Datasheet
59Kb / 1P
Voltage Rating: 28 to 48 VDC
SCE048MD3SR3B MSPI-SCE048MD3SR3B Datasheet
55Kb / 1P
Voltage Rating 28 to 48 VDC
SCE048MD3SR4B MSPI-SCE048MD3SR4B Datasheet
55Kb / 1P
Voltage Rating 28 to 48 VDC
SCE048MD3SU2B MSPI-SCE048MD3SU2B Datasheet
55Kb / 1P
Voltage Rating 28 to 48 VDC
SCE048SD2SP1B MSPI-SCE048SD2SP1B Datasheet
55Kb / 1P
Voltage Rating 28 to 48 VDC
SCE048SD3MG3B MSPI-SCE048SD3MG3B Datasheet
59Kb / 1P
Voltage Rating: 28 to 48 VDC
SCE048SD3QP1B MSPI-SCE048SD3QP1B Datasheet
55Kb / 1P
Voltage Rating 28 to 48 VDC
SCE048SD3SR4B MSPI-SCE048SD3SR4B Datasheet
55Kb / 1P
Voltage Rating 28 to 48 VDC
SCE048SD3SV1B MSPI-SCE048SD3SV1B Datasheet
54Kb / 1P
Voltage Rating 28 to 48 VDC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com