Electronic Components Datasheet Search
  English  ▼

X  

560201 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 560201
Description  Parallel gripper
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

560201 Datasheet(HTML) 2 Page - Festo Corporation.

  560201 Datasheet HTML 1Page - Festo Corporation. 560201 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Max. mass per external gripper finger
50 g
Product weight
135 g
Type of mounting
With internal thread and centering sleeve
Via through-hole and centering sleeve
With through-hole and dowel pin
With internal thread and dowel pin
Optionally:
Sealing air pneumatic connection
M5
Pneumatic connection
M5
Note on materials
Free of copper and PTFE
RoHS-compliant
Cover cap material
High-alloy stainless steel
Housing material
Aluminum
Anodized
Gripper jaw material
Steel
Hardened
12/13/20 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com