Electronic Components Datasheet Search
  English  ▼

X  

560208 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 560208
Description  Parallel gripper
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

560208 Datasheet(HTML) 1 Page - Festo Corporation.

  560208 Datasheet HTML 1Page - Festo Corporation. 560208 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parallel gripper
HGPT-25-A-B-F-G1
Part number: 560208
Data sheet
Feature
Value
Size
25
Stroke per gripper jaw
3 mm
Max. interchangeability
≤0.2 mm
Max. gripper jaw angular play ax, ay
≤0.1 deg
Max. gripper jaw backlash Sz
≤0.02 mm
Rotational symmetry
≤0.2 mm
Pneumatic gripper repetition accuracy
≤0.04 mm
Type code
HGPT
Number of gripper jaws
2
Mounting position
Any
Mode of operation
Double-acting
Gripper function
Parallel
Gripping force backup
On opening
Design
Inclined plane
Positively driven motion sequence
Position sensing
For proximity sensor
Symbol
00995947
Operating pressure
4 bar ... 8 bar
Operating pressure for sealing air
0 bar ... 0.5 bar
Max. operating frequency of pneumatic gripper
≤3 Hz
Min. opening time at 6 bar
24 ms
Min. closing time at 6 bar
45 ms
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Degree of protection
IP40
Ambient temperature
5 °C ... 60 °C
Mass moment of inertia
1.479 kgcm²
Maximum force on gripper jaw Fz, static
1200 N
Maximum torque on gripper jaw, Mx static
50 Nm
Maximum torque on gripper jaw, My static
45 Nm
Maximum torque on gripper jaw, Mz static
35 Nm
Relubrication interval for guidance elements
5 MioCyc
Max. mass per external gripper finger
110 g
Product weight
353 g
12/13/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 560208

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
560200 FESTO-560200 Datasheet
104Kb / 2P
Parallel gripper
logo
Aavid, Thermal Division...
560200B00000G AAVID-560200B00000G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
560200W00000G AAVID-560200W00000G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
logo
Festo Corporation.
560201 FESTO-560201 Datasheet
99Kb / 2P
Parallel gripper
560202 FESTO-560202 Datasheet
105Kb / 2P
Parallel gripper
More results

Similar Description - 560208

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HGPP-32-A-G2 FESTO-HGPP-32-A-G2 Datasheet
104Kb / 1P
Parallel gripper
HGPT-20-A-B-G1 FESTO-HGPT-20-A-B-G1 Datasheet
105Kb / 2P
Parallel gripper
HGPT-25-A-B-F FESTO-HGPT-25-A-B-F Datasheet
99Kb / 2P
Parallel gripper
HGPT-25-A-B-F-G2 FESTO-HGPT-25-A-B-F-G2 Datasheet
104Kb / 2P
Parallel gripper
HGPT-25-A-B-G1 FESTO-HGPT-25-A-B-G1 Datasheet
105Kb / 2P
Parallel gripper
HGPT-35-A-B FESTO-HGPT-35-A-B Datasheet
95Kb / 2P
Parallel gripper
HGPT-40-A-B-G2 FESTO-HGPT-40-A-B-G2 Datasheet
94Kb / 2P
Parallel gripper
HGPT-63-A-B-G1 FESTO-HGPT-63-A-B-G1 Datasheet
99Kb / 2P
Parallel gripper
HGPT-80-A-B FESTO-HGPT-80-A-B Datasheet
96Kb / 2P
Parallel gripper
HGPT-80-A-B-G2 FESTO-HGPT-80-A-B-G2 Datasheet
97Kb / 2P
Parallel gripper
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com