Electronic Components Datasheet Search
  English  ▼

X  

SCH1306 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SCH1306
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SCH1306 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SCH1306 Datasheet HTML 1Page - Sanyo Semicon Device SCH1306 Datasheet HTML 2Page - Sanyo Semicon Device SCH1306 Datasheet HTML 3Page - Sanyo Semicon Device SCH1306 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SCH1306
No.8101-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Total Gate Charge
Qg
VDS=--10V, VGS=--4.0V, ID=--1.0A
1.5
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--4.0V, ID=--1.0A
0.4
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--4.0V, ID=--1.0A
0.3
nC
Diode Forward Voltage
VSD
IS=--1.0A, VGS=0
--0.89
--1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm
2221A
PW=10
µs
D.C.
≤1%
P.G
50
Ω
G
S
D
ID= --500mA
RL=20Ω
VDD= --10V
VOUT
SCH1306
VIN
0V
--4V
VIN
1 : Drain
2 : Drain
3 : Gate
4 : Source
5 : Drain
6 : Drain
SANYO : SCH6
1.6
0.5
0.2
0.2
1
3
2
64
5
--0.2
--0.4
--0.6
--0.8
--1.0
--1.4
--1.2
--2.0
--1.8
--1.6
--60
--40
--20
0
20
40
60
80
100
120
140
160
0
--2
--4
--6
--8
--10
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
IT03503
0
0
--0.3
--0.2
--0.1
--0.5
--0.4
--1.0
--0.9
--0.1
--0.8
--0.7
--0.6
0
100
200
300
400
500
700
600
1000
900
800
0
--0.2
--0.3
--0.4
--1.0
--0.5
--0.6
--0.7
--0.8
--0.9
Drain-to-Source Voltage, VDS -- V
ID -- VDS
IT03501
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
Gate-to-Source Voltage, VGS -- V
ID -- VGS
IT03502
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
IT03504
100
200
300
400
700
600
500
1000
900
800
0
ID= -
-0.5A,
VGS
= --4.0V
ID=
--0.3A,
VGS
= --2.5V
VGS= --1.5V
--2.0V
ID= --0.3A
--0.5A
Ta=25
°C
VDS= --10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com