Electronic Components Datasheet Search
  English  ▼

X  

UPD16704 Datasheet(PDF) 12 Page - NEC

Part # UPD16704
Description  240-OUTPUT TFT-LCD GATE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16704 Datasheet(HTML) 12 Page - NEC

Back Button UPD16704 Datasheet HTML 6Page - NEC UPD16704 Datasheet HTML 7Page - NEC UPD16704 Datasheet HTML 8Page - NEC UPD16704 Datasheet HTML 9Page - NEC UPD16704 Datasheet HTML 10Page - NEC UPD16704 Datasheet HTML 11Page - NEC UPD16704 Datasheet HTML 12Page - NEC UPD16704 Datasheet HTML 13Page - NEC UPD16704 Datasheet HTML 14Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
tSETUP1
CLK
STV
tr
90%
50%
50%
90%
10%
10%
90%
10%
tHOLD1
PWCLK(L) PWCLK
tf
1
2
3
tPLH2
tPHL2
tPLH2
tPHL2
tSETUP2 tHOLD2
DS
DSOE
O1
O2
O3
On
On + 1
OE
tPHL3
O1
-O240
tPLH3
50%
90%
10%
PWOE
4
5
6
7
tTLH
tTLH
PWCLK(H)
tPLH2
tPHL4
tPLH2
50%
50%
10%
90%
10%
90%
10%
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com