Electronic Components Datasheet Search
  English  ▼

X  

VTSRC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VTSRC
Description  25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VTSRC Datasheet(HTML) 1 Page - Vishay Siliconix

  VTSRC Datasheet HTML 1Page - Vishay Siliconix VTSRC Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 60083
Revision 06-Aug-02
www.vishay.com
176
VTSRC, VSSRC, VSORC-AA
Vishay Thin Film
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.42.729.0661 FAX: +81.42.729.3400 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
FEATURES
• Resistors and capacitors on a single chip
• Saves board space
• Reduces total assembly costs
• Uniform performance characteristics
• Compatible with automatic surface mounting equipment
• UL 94V-0 flame resistant
• Rugged, molded case construction
Actual Size
SCHEMATIC AA
Vishay Thin Film’s T filter network is an integrated thin film
network on a single die. Noise suppression is at a maximum
with the use of thin film technology. The T filter network,
schematic AA is designed to suppress EMI/RFI noise with
such applications as I/O ports of personal computers and
peripherals, workstations and Local Area Networks. With a
rugged molded case to protect the circuit from the
environment and an integrated thin film network this product
is your choice when reduced size, improved accuracy and
surface mount capability are your goals.
Available packages SOIC, SSOP and TSSOP.
TEST
SPECIFICATIONS
CONDITIONS
MATERIAL
TANTALUM NITRIDE ON SILICON
Resistance Range
10 ohms to 750 ohm
TCR:
Tracking
± 10ppm/°C
Absolute
± 200ppm/°C0°C to + 70°C
Tolerance:
Absolute
± 10% standard (R)
Absolute
± 20% standard (C)
@ 1MHz & VRMS over
+ 10
°C to + 70°C
Power Rating:
Package
1W - (T)SSOP 1.2W - SOIC
See Derating Curve
Capacitance Range
10pF to 150pF - (T)SSOP/10pF to 250pF - SOIC
Stability (
∆ R Ratio)
± 2%
1000 hrs.
ESD Protection
> 2kV
MIL-STD-883, Method 3015
Breakdown Voltage
35 - 50V
Operating Temperature Range
0 to + 70
°C
Storage Temperature Range
- 55
°C to + 125°C
Power Rating/Resistor
100mW
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
STANDARD VALUES
MODELS
VSORC
VSSRC
VTSRC
R (Ohms)
C (pF)
X10
47
X
X
10
100
X
X
15
47
X25
50
X
X
25
150
X
X
X
25
200
XX
X
47
33
X
X
50
100
X
100
33
X
100
390
STANDARD ELECTRICAL SPECIFICATIONS
TCR
TOLERANCE
RESISTOR
200
10%
TCC
TOLERANCE
CAPACITOR
200
20%
TYPICAL PERFORMANCE
Small Outline, Surface Mount,
EMI/RFI Reduction


Similar Part No. - VTSRC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VTSRC-AB VISHAY-VTSRC-AB Datasheet
118Kb / 4P
25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
01-Jul-08
VTSRC-AC VISHAY-VTSRC-AC Datasheet
117Kb / 4P
25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
01-Jul-08
VTSRC-AD VISHAY-VTSRC-AD Datasheet
120Kb / 4P
25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
01-Jul-08
VTSRC20AA VISHAY-VTSRC20AA Datasheet
116Kb / 4P
25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
01-Jul-08
VTSRC20AB VISHAY-VTSRC20AB Datasheet
118Kb / 4P
25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
01-Jul-08
More results

Similar Description - VTSRC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOMC VISHAY-TOMC Datasheet
180Kb / 3P
Molded, 50 Mil Pitch Resistor Networks
10-May-06
VTSR VISHAY-VTSR Datasheet
132Kb / 4P
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
11-Jun-07
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
Molded, 50 Mil Pitch Resistor Networks
05-Mar-08
SLCC VISHAY-SLCC_08 Datasheet
137Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
16-Jun-08
VSSRC1284 VISHAY-VSSRC1284 Datasheet
107Kb / 4P
25 Mil Pitch Resistor/Capacitor Networks
01-Jul-08
VTSR-AA VISHAY-VTSR-AA Datasheet
116Kb / 4P
25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
01-Jul-08
VTSRC-AB VISHAY-VTSRC-AB Datasheet
118Kb / 4P
25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
01-Jul-08
VTSRC-AC VISHAY-VTSRC-AC Datasheet
117Kb / 4P
25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
01-Jul-08
VTSRC-AD VISHAY-VTSRC-AD Datasheet
120Kb / 4P
25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
01-Jul-08
VSSR VISHAY-VSSR Datasheet
131Kb / 4P
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
14-Nov-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com