Electronic Components Datasheet Search
  English  ▼

X  

TC1500H Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # TC1500H
Description  SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

TC1500H Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  TC1500H Datasheet HTML 1Page - Lite-On Technology Corporation TC1500H Datasheet HTML 2Page - Lite-On Technology Corporation TC1500H Datasheet HTML 3Page - Lite-On Technology Corporation TC1500H Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FIG.1 - OFF STATE CURRENT vs JUNCTION TEMPERATURE
TJ, JUNCTION TEMPERATURE (℃)
VDRM=50V
100
10
1.0
0.1
0.001
0.01
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (℃)
-50
-25
0
25
50
75
125
150
1.20
1.10
1.05
1.0
0.90
0.95
1.15
VBR (TJ)
VBR (TJ=25℃)
100
175
FIG. 2 - RELATIVE VARIATION OF BREAKDOWN VOLTAGE
vs JUNCTION TEMPERATURE
TJ, JUNCTION TEMPERATURE (℃)
-50
-25
0
25
50
75
125
150
1.10
1.05
1.0
0.95
100
175
FIG. 3 - RELATIVE VARIATION OF BREAKOVER VOLTAGE
vs JUNCTION TEMPERATURE
1.0
1.5
2.0
2.5
3.0
3.5
4.5
4.0
5.0
V (T); ON STATE VOLTAGE
FIG. 4 - ON STATE CURRENT vs ON STATE VOLTAGE
1.0
10
100
TJ=25℃
TJ, JUNCTION TEMPERATURE (℃)
FIG. 5 - RELATIVE VARIATION OF HOLDING CURRENT
vs JUNCTION TEMPERATURE
VR, REVERSE VOLTAGE
FIG. 6 - RELATIVE VARIATION OF JUNCTION
CAPACITANCE vs REVERSE VOLTAGE BIAS
RATING AND CHARACTERISTICS CURVES
TC0640H thru TC3500H
-50
-25
0
25
50
75
100
125
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1
10
100
0.1
1
Tj =25℃
f=1MHz
VRMS = 1V
CO(VR)
CO(VR = 1V)
IH (TJ)
IH (TJ=25℃)
VBO (TJ)
VBO (TJ=25℃)
REV. 0, 03-Dec-2001, KSWC02



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com