Electronic Components Datasheet Search
  English  ▼

X  

POC Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # POC
Description  CERAMIC RESONATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

POC Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  POC Datasheet HTML 1Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
FIGURE 1
FIGURE 2
OUTLINE DRAWINGS
SPECIFICATIONS
CERAMIC RESONATORS
SERIES POC
SERIES
-
FREQUENCY
POC
IN MHz
PART NUMBERING SYSTEM
FEATURES
LOW COST
BUILT-IN CAPACITORS
EXAMPLE: POC - 5.00
10.0 M A X
2.5 ± 0.1
0.5 ± 0.1
0.25 ± 0.1
5.0 M A X
2.5 ± 0.1
1.3± 0 .1
1.2
3
2
1
1 M
IC: 1/6 CD4069UBE (RCA) X 2
VDD: +5 VDC. ± 0.1 VDC
CENTER PIN: GND
1 0.0 M A X
2.5 ± 0.1
0.5 ± 0.1
0.25 ± 0.1
5.0 M A X
2.5 ± 0.1
1.3± 0 .1
1.2
3
2
1
1 M
IC: 1/6 CD4069UBE (RCA) X 2
VDD: +5 VDC. ± 0.1 VDC
CENTER PIN: GND
FREQ U EN CY
1.80-6.00
MHz
6.01-13.00
MHz
13.01-50.00
MHz
DIMENSIO NS
FIGU RE 1
FIGURE 2
FREQ U ENCY TO LERANCE
± 0.5% MAX
RESO NANT IMPEDANCE
30 O HMS
MAX
25 O HMS
MAX
30 O HMS
MAX
FREQ U EN CY STABILITY O VER
TEMP ERATU RE
±0.3% MAX
O P ERATIN G TEMP ERATU RE
RAN GE
-20°C TO + 80°C
ISO LATIO N RESISTAN CE
100 M O HM MIN
FREQ U EN CY AGIN G (10 YEARS)
± 0.3% MAX
W ITHSTAN DIN G VO LTAGE
100 VDC, 5 s e c. MAX
BU ILT-IN CAP ACITAN CE
30 pF ± 20% MAX
MAX VO LTAGE
6 VDC, 15Vp-p A C
STO RAGE TEMP ERATU RE RAN GE
35°C TO + 85°C


Similar Part No. - POC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-125 ADVANTECH-POC-125 Datasheet
652Kb / 2P
12 Point-of-Care Terminal with Fanless Design
POC-125-060-AE ADVANTECH-POC-125-060-AE Datasheet
652Kb / 2P
12 Point-of-Care Terminal with Fanless Design
POC-125-060-ATE ADVANTECH-POC-125-060-ATE Datasheet
652Kb / 2P
12 Point-of-Care Terminal with Fanless Design
POC-125-100-AE ADVANTECH-POC-125-100-AE Datasheet
652Kb / 2P
12 Point-of-Care Terminal with Fanless Design
POC-125-100-ATE ADVANTECH-POC-125-100-ATE Datasheet
652Kb / 2P
12 Point-of-Care Terminal with Fanless Design
More results

Similar Description - POC

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
POI RALTRON-POI Datasheet
91Kb / 1P
CERAMIC RESONATORS
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
CERAMIC RESONATORS
ZTB190D EUROQUARTZ-ZTB190D Datasheet
43Kb / 1P
CERAMIC RESONATORS
ZTB450E EUROQUARTZ-ZTB450E Datasheet
43Kb / 1P
CERAMIC RESONATORS
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
CERAMIC RESONATORS
ZTT2MG EUROQUARTZ-ZTT2MG Datasheet
60Kb / 1P
CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTT AEL-ZTT Datasheet
144Kb / 1P
Ceramic Resonators
logo
TDK Electronics
CCR20.0MUC8T TDK-CCR20.0MUC8T Datasheet
112Kb / 7P
Ceramic Resonators
FCR3.45MC5 TDK-FCR3.45MC5 Datasheet
65Kb / 3P
Ceramic Resonators
logo
Raltron Electronics Cor...
POE-A RALTRON-POE-A Datasheet
42Kb / 1P
CERAMIC RESONATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com