Electronic Components Datasheet Search
  English  ▼

X  

2SC2631 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC2631
Description  Silicon PNP epitaxial planer type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2631 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC2631 Datasheet HTML 1Page - Panasonic Semiconductor 2SC2631 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SA1123
Silicon PNP epitaxial planer type
For low-frequency high breakdown voltage amplification
Complementary to 2SC2631
s Features
q
Satisfactory foward current transfer ratio hFE collector current IC
characteristics.
q
High collector to emitter voltage VCEO.
q
Small collector output capacitance Cob.
q
Makes up a complementary pair with 2SC2631, which is opti-
mum for the pre-driver stage of a 20 to 40W output amplifier.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
JEDEC:TO–92
EIAJ:SC–43A
5.0
±0.2
4.0
±0.2
0.45
+0.2
–0.1
0.45
+0.2
–0.1
1.27
1.27
2.54
±0.15
2
13
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–150
–150
–5
–100
–50
750
150
–55 ~ +150
Unit
V
V
V
mA
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Noise voltage
Symbol
ICBO
VCEO
VEBO
hFE
*
VCE(sat)
fT
Cob
NV
Conditions
VCB = –100V, IE = 0
IC = –0.1mA, IB = 0
IE = –10µA, IC = 0
VCE = –5V, IC = –10mA
IC = –30mA, IB = –3mA
VCB = –10V, IE = 10mA, f = 200MHz
VCB = –10V, IE = 0, f = 1MHz
VCE = –10V, IC = –1mA, GV = 80dB
Rg = 100kΩ, Function = FLAT
min
–150
–5
130
typ
200
150
max
–1
450
–1
5
300
Unit
µA
V
V
V
MHz
pF
mV
*h
FE Rank classification
Rank
R
S
T
hFE
130 ~ 220
185 ~ 330
260 ~ 450


Similar Part No. - 2SC2631

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2631 PANASONIC-2SC2631 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
More results

Similar Description - 2SC2631

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA1254 PANASONIC-2SA1254 Datasheet
38Kb / 2P
Silicon PNP epitaxial planer type
2SA1309A PANASONIC-2SA1309A Datasheet
35Kb / 2P
Silicon PNP epitaxial planer type
2SA1512 PANASONIC-2SA1512 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
2SA1531 PANASONIC-2SA1531 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type
2SA1534 PANASONIC-2SA1534 Datasheet
47Kb / 3P
Silicon PNP epitaxial planer type
2SA1739 PANASONIC-2SA1739 Datasheet
40Kb / 2P
Silicon PNP epitaxial planer type
2SA1982 PANASONIC-2SA1982 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC5609 PANASONIC-2SC5609 Datasheet
45Kb / 1P
Silicon PNP epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com