Electronic Components Datasheet Search
  English  ▼

X  

1163039 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1163039
Description  Three-point gripper
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1163039 Datasheet(HTML) 1 Page - Festo Corporation.

  1163039 Datasheet HTML 1Page - Festo Corporation. 1163039 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Three-point gripper
HGDD-35-A-G2
Part number: 1163039
Data sheet
Feature
Value
Size
35
Stroke per gripper jaw
4 mm
Max. interchangeability
≤0.2 mm
Max. gripper jaw angular play ax, ay
≤0.1 deg
Max. gripper jaw backlash Sz
≤0.05 mm
Rotational symmetry
≤0.2 mm
Pneumatic gripper repetition accuracy
≤0.03 mm
Type code
HGDD
Number of gripper jaws
3
Mounting position
Any
Mode of operation
Double-acting
Gripper function
3-point
Gripping force backup
During closing
Design
Inclined plane
Positively driven motion sequence
Position sensing
For proximity sensor
Symbol
00991895
Operating pressure
4 bar ... 8 bar
Operating pressure for sealing air
0 bar ... 0.5 bar
Max. operating frequency of pneumatic gripper
≤4 Hz
Min. opening time at 6 bar
81 ms
Min. closing time at 6 bar
42 ms
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Degree of protection
IP65
Ambient temperature
5 °C ... 60 °C
Mass moment of inertia
1.37 kgcm²
Maximum force on gripper jaw Fz, static
300 N
Maximum torque on gripper jaw, Mx static
12 Nm
Maximum torque on gripper jaw, My static
8 Nm
Maximum torque on gripper jaw, Mz static
8 Nm
Relubrication interval for guidance elements
5 MioCyc
Max. mass per external gripper finger
57 g
Product weight
370 g
12/15/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 1163039

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1163037 FESTO-1163037 Datasheet
92Kb / 2P
Three-point gripper
1163038 FESTO-1163038 Datasheet
97Kb / 2P
Three-point gripper
More results

Similar Description - 1163039

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DHDS-32-A-NC FESTO-DHDS-32-A-NC Datasheet
89Kb / 2P
Three-point gripper
DHDS-50-A FESTO-DHDS-50-A Datasheet
83Kb / 2P
Three-point gripper
HGDT-25-A-G1 FESTO-HGDT-25-A-G1 Datasheet
96Kb / 2P
Three-point gripper
HGDT-25-A-G2 FESTO-HGDT-25-A-G2 Datasheet
95Kb / 2P
Three-point gripper
HGDT-35-A-F-G1 FESTO-HGDT-35-A-F-G1 Datasheet
96Kb / 2P
Three-point gripper
HGDT-40-A FESTO-HGDT-40-A Datasheet
91Kb / 2P
Three-point gripper
HGDT-40-A-F-G1 FESTO-HGDT-40-A-F-G1 Datasheet
96Kb / 2P
Three-point gripper
HGDT-63-A-G2 FESTO-HGDT-63-A-G2 Datasheet
96Kb / 2P
Three-point gripper
HGDD-35-A-G1 FESTO-HGDD-35-A-G1 Datasheet
97Kb / 2P
Three-point gripper
HGDD-63-A FESTO-HGDD-63-A Datasheet
91Kb / 2P
Three-point gripper
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com