Electronic Components Datasheet Search
  English  ▼

X  

09628101301 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09628101301
Description  Han 10EMV/B-agg-QB housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09628101301 Datasheet(HTML) 1 Page - HARTING Technology Group

  09628101301 Datasheet HTML 1Page - HARTING Technology Group 09628101301 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 62 810 1301
Han 10EMV/B-agg-QB
Han 10EMV/B-agg-QB
Part number
09 62 810 1301
Specification
Han 10EMV/B-agg-QB
HARTING eCatalogue
https://b2b.harting.com/09628101301
Identification
Category
Hoods/Housings
Series of hoods/housings
Han® EMC/B
Type of hood/housing
Bulkhead mounted housing
Description of hood/housing
Internal seal
Type
Low construction
Version
Locking type
Double locking lever
Han-Easy Lock®
Yes
Size
10 B
Field of application
Hoods/Housings for higher EMC requirements
Technical characteristics
Limiting temperature
-40 ... +125 °C
Degree of protection acc. to IEC 60529
IP65
Type rating acc. to UL 50 / UL 50E
4
12
Material properties
Material (hood/housing)
Aluminium die-cast
Surface (hood/housing)
Uncoated
Colour (hood/housing)
Unpainted
Material (seal)
NBR
Page 1 / 2 | Creation date 2020-04-24 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09628101301

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09628101421 HARTING-09628101421 Datasheet
481Kb / 2P
Han EMC/B 10 Hood Top Entry PG 16
09628101521 HARTING-09628101521 Datasheet
500Kb / 2P
Han EMC/B 10 Hood Side Entry PG16
More results

Similar Description - 09628101301

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-14-002-0301 HARTING-09-14-002-0301 Datasheet
497Kb / 2P
Han 2Mod agg
09-30-016-1307 HARTING-09-30-016-1307 Datasheet
504Kb / 2P
Han 16B-AGG-LB IP67 housing
09-62-806-1301 HARTING-09-62-806-1301 Datasheet
439Kb / 2P
Han 6EMV/B-agg-LB Bulkhead mounted housing
09-62-816-1301 HARTING-09-62-816-1301 Datasheet
439Kb / 2P
Han 16EMV/B-agg-QB Bulkhead mounted housing
09-62-824-1301 HARTING-09-62-824-1301 Datasheet
439Kb / 2P
Han 24EMV/B-agg-QB Bulkhead mounted housing
19-34-003-0270 HARTING-19-34-003-0270 Datasheet
488Kb / 2P
Han 3HvE-asg2-QB-M20 housing
19-37-003-1150 HARTING-19-37-003-1150 Datasheet
478Kb / 2P
Han 3M-eg-QB-M20 housing
19-37-003-1750 HARTING-19-37-003-1750 Datasheet
473Kb / 2P
Han 3M-kg-QB-M20 housing
19-37-010-0272 HARTING-19-37-010-0272 Datasheet
487Kb / 2P
Han 10M-asg2-QB-M32 housing
09-15-513-5401 HARTING-09-15-513-5401 Datasheet
533Kb / 2P
Han FB cover-agg blue
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com