Electronic Components Datasheet Search
  English  ▼

X  

185697 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 185697
Description  Angled gripper
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

185697 Datasheet(HTML) 1 Page - Festo Corporation.

  185697 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Angled gripper
HGWM-08-EZ-G7
Part number: 185697
Data sheet
Feature
Value
Size
8
Max. gripper jaw angular play ax, ay
0.5 deg
Max. gripper jaw backlash Sz
0.03 mm
Max. opening angle
14 deg
Pneumatic gripper repetition accuracy
≤0.02 mm
Type code
HGWM
Number of gripper jaws
2
Mode of operation
Single-acting
Closed
Gripper function
Angle
Design
Inclined plane
Position sensing
None
Symbol
00991898
Operating pressure
2 bar ... 8 bar
Max. operating frequency of pneumatic gripper
4 Hz
Min. opening time at 6 bar
1 ms
Min. closing time at 6 bar
2.5 ms
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
5 °C ... 60 °C
Spring return torque
0.006 Nm
Total gripping torque at 6 bar, opening
24 Ncm
Maximum force on gripper jaw Fz, static
7 N
Maximum torque on gripper jaw, Mx static
0.2 Nm
Maximum torque on gripper jaw, My static
0.2 Nm
Maximum torque on gripper jaw, Mz static
0.2 Nm
Product weight
14 g
Type of mounting
With lock nut
Pneumatic connection
M3
Note on materials
Free of copper and PTFE
Cover cap material
POM
Housing material
High-alloy stainless steel
Gripper jaw material
High-alloy steel
12/16/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 185697

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
185693 FESTO-185693 Datasheet
98Kb / 1P
Angled gripper
185694 FESTO-185694 Datasheet
86Kb / 1P
Angled gripper
185695 FESTO-185695 Datasheet
98Kb / 1P
Angled gripper
185696 FESTO-185696 Datasheet
98Kb / 1P
Angled gripper
185698 FESTO-185698 Datasheet
99Kb / 1P
Angled gripper
More results

Similar Description - 185697

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DHWS-40-A FESTO-DHWS-40-A Datasheet
85Kb / 2P
Angled gripper
DHWS-40-A-NC FESTO-DHWS-40-A-NC Datasheet
90Kb / 2P
Angled gripper
HGWM-08-EO-G6 FESTO-HGWM-08-EO-G6 Datasheet
98Kb / 1P
Angled gripper
HGWM-08-EO-G7 FESTO-HGWM-08-EO-G7 Datasheet
86Kb / 1P
Angled gripper
HGWM-08-EZ-G6 FESTO-HGWM-08-EZ-G6 Datasheet
98Kb / 1P
Angled gripper
HGWM-08-EZ-G8 FESTO-HGWM-08-EZ-G8 Datasheet
99Kb / 1P
Angled gripper
HGWM-12-EO-G6 FESTO-HGWM-12-EO-G6 Datasheet
97Kb / 1P
Angled gripper
HGWM-12-EO-G8 FESTO-HGWM-12-EO-G8 Datasheet
98Kb / 1P
Angled gripper
DHWS-10-A FESTO-DHWS-10-A Datasheet
100Kb / 2P
Angled gripper
DHWS-32-A-NC FESTO-DHWS-32-A-NC Datasheet
90Kb / 2P
Angled gripper
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com