Electronic Components Datasheet Search
  English  ▼

X  

5435239 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5435239
Description  Printed-circuit board connector - BCP-381F-14 GY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5435239 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5435239 Datasheet HTML 1Page - PHOENIX CONTACT 5435239 Datasheet HTML 2Page - PHOENIX CONTACT 5435239 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5435239
11/10/2014   Page 1 / 3
Printed-circuit board connector - BCP-381F-14 GY - 5435239
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 14, Pitch: 3.81 mm,
Connection method: Screw connection, Color: signal grey, Contact surface: Tin
The figure shows a 5-pos. version of
the product
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
100 pc
Weight per Piece (excluding packing)
11.26 GRM
Custom tariff number
85366990
Country of origin
China
Technical data
Dimensions
Height
11.1 mm
Pitch
3.81 mm
Dimension a
49.53 mm
General
Range of articles
BCP-F
Insulating material group
I
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
160 V
Rated voltage (III/2)
160 V
Rated voltage (II/2)
320 V
Connection in acc. with standard
EN-VDE


Similar Part No. - 5435239

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
543520 FESTO-543520 Datasheet
99Kb / 1P
Pressure regulator
3/16/22
logo
PHOENIX CONTACT
5435200 PHOENIX-5435200 Datasheet
65Kb / 3P
Printed-circuit board connector - BCP-381F-11 GY
5435213 PHOENIX-5435213 Datasheet
65Kb / 3P
Printed-circuit board connector - BCP-381F-12 GY
5435226 PHOENIX-5435226 Datasheet
65Kb / 3P
Printed-circuit board connector - BCP-381F-13 GY
logo
Festo Corporation.
543524 FESTO-543524 Datasheet
128Kb / 1P
Regulator plate
More results

Similar Description - 5435239

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5435116 PHOENIX-5435116 Datasheet
65Kb / 3P
Printed-circuit board connector - BCP-381F- 2 GY
5435284 PHOENIX-5435284 Datasheet
65Kb / 3P
Printed-circuit board connector - BCP-381F-19 GY
5435297 PHOENIX-5435297 Datasheet
65Kb / 3P
Printed-circuit board connector - BCP-381F-20 GY
5435242 PHOENIX-5435242 Datasheet
65Kb / 3P
Printed-circuit board connector - BCP-381F-15 GY
5435190 PHOENIX-5435190 Datasheet
65Kb / 3P
Printed-circuit board connector - BCP-381F-10 GY
5435213 PHOENIX-5435213 Datasheet
65Kb / 3P
Printed-circuit board connector - BCP-381F-12 GY
5435132 PHOENIX-5435132 Datasheet
65Kb / 3P
Printed-circuit board connector - BCP-381F- 4 GY
5435145 PHOENIX-5435145 Datasheet
65Kb / 3P
Printed-circuit board connector - BCP-381F- 5 GY
5435161 PHOENIX-5435161 Datasheet
65Kb / 3P
Printed-circuit board connector - BCP-381F- 7 GY
5435174 PHOENIX-5435174 Datasheet
65Kb / 3P
Printed-circuit board connector - BCP-381F- 8 GY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com