Electronic Components Datasheet Search
  English  ▼

X  

PR5472 Datasheet(PDF) 4 Page - PREMA Semiconductor.

Part # PR5472
Description  4-Quadrant Photodiodes with Voltage Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR5472 Datasheet(HTML) 4 Page - PREMA Semiconductor.

  PR5472 Datasheet HTML 1Page - PREMA Semiconductor. PR5472 Datasheet HTML 2Page - PREMA Semiconductor. PR5472 Datasheet HTML 3Page - PREMA Semiconductor. PR5472 Datasheet HTML 4Page - PREMA Semiconductor. PR5472 Datasheet HTML 5Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Four Quadrant Photodiode
PR5471 / 5472 / 5473
Photodiodes – Dimensions
General dimensions:
•
Die size: 3,125 µm x 3,265 µm (measured between centres of scribe lane)
•
Photodiodes active area: approx. 690 µm x 690 µm x 4
•
Pad window: 120 µm x 120 µm
PAD DESCRIPTION
Pin No
Pin Name
Pin Function Description
1
Vee
negative supply voltage
2
Vcc
positive supply voltage
3
oDn
D channel negative output
4
oD
D channel positive output
5
oCn
C channel negative output
6
oC
C channel positive output
7
oBn
B channel negative output
Pin No
Pin Name
Pin Function Description
8
oB
B channel positive output
9
oAn
A channel negative output
10
oA
A channel positive output
11/11b
LED_BS
LED backside connection
12/12b
LED TS
LED topside connection
Test pads are to be used for chip test only and not
described in this document.
© PREMA Semiconductor GmbH 2018 I rev. 1919 -- PRELIMINARY DATASHEET --
Page 4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com