Electronic Components Datasheet Search
  English  ▼

X  

PR5473 Datasheet(PDF) 2 Page - PREMA Semiconductor.

Part # PR5473
Description  4-Quadrant Photodiodes with Voltage Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR5473 Datasheet(HTML) 2 Page - PREMA Semiconductor.

  PR5473 Datasheet HTML 1Page - PREMA Semiconductor. PR5473 Datasheet HTML 2Page - PREMA Semiconductor. PR5473 Datasheet HTML 3Page - PREMA Semiconductor. PR5473 Datasheet HTML 4Page - PREMA Semiconductor. PR5473 Datasheet HTML 5Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Four Quadrant Photodiode
PR5471 / 5472 / 5473
Electrical Characteristics
ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Typ
Max
Units
VCC (supply voltage)
-0.3
8
V
VPIN (voltage @ other pins)
-0.3
VCC+0.3
V
Storage Temperature Range
-55
125
°C
TJ (Junction Temperature)
-40
125
°C
Electrostatic Discharge (ESD) Protection @ all pins
HBM
4
kV
OPERATING CHARACTERISTICS
VCC = 3.3 V, TJ = -40...85°C (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vcc
Supply voltage
3.0
3.3
5.5
V
ICC
Supply current (no load)
mA
BW
Bandwidth
350
kHz
Output characteristics
VO
Output voltage
no lighting
Vcc/2
V
Vout
Output voltage range
Vcc = 3.3 V
Vcc = 5.0 V
Vcc/2–0.75
Vcc/2–1.0
Vcc/2+0.75
Vcc/2+1.0
V
V
Iout
Ouput current
Vout = Vcc/2±0.75V
–0.1
0.1
mA
S
Sensitivity
(output differential voltage vs.
photocurrent)
PR5471
PR5472
PR5473
25
100
10
mV/nA
mV/nA
mV/nA
Photosensors
APD
Photodiode active area
per channel
0.47
mm²
λar
Spectral application range
Se( ar)=0.25*
λ
λpeak
400
1050
nm
λpeak
Peak sensitivity
@ 800 nm
0.38
A/W
Thermal properties
Tj
Junction temperature
operating
-40
85
°C
© PREMA Semiconductor GmbH 2018 I rev. 1919 -- PRELIMINARY DATASHEET --
Page 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com