Electronic Components Datasheet Search
  English  ▼

X  

TAPSF-M Datasheet(PDF) 2 Page - Silicom Ltd.

Part # TAPSF-M
Description  10 /1 Gigabit (MM) Fiber TAP Stand Alone Unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

TAPSF-M Datasheet(HTML) 2 Page - Silicom Ltd.

  TAPSF-M Datasheet HTML 1Page - Silicom Ltd. TAPSF-M Datasheet HTML 2Page - Silicom Ltd. TAPSF-M Datasheet HTML 3Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
30%
– Network port to network port
Insertion loss:
(Typical)
Network Port: 2.5 dB
Monitor Port: 5.5dB
Insertion loss:
(Measure)
Network Port: 3.25 dB
Monitor Port: 5.0 dB
General Technical Specifications
Size:
x 120.5mm ( wide) x 148mm (depth) x 27.7mm (height) (4.744″ x 5.827″ x 1.07″)
Weight
610 gram (21.52 oz)
Operating Humidity:
0%
–90%, non-condensing
Operating Temperature:
0°C
– 50°C (32°F – 122°F)
Storage Temperature:
-20°C
–65°C (-4°F–149°F)
EMC Certifications:
Class B
MTBF*:
> 50 years
Figure: 2
– TAP Mode Functional Block Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com