Electronic Components Datasheet Search
  English  ▼

X  

19200030102 Datasheet(PDF) 2 Page - HARTING Technology Group

Part # 19200030102
Description  Han 3A HSI M20 Screw mounted housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

19200030102 Datasheet(HTML) 2 Page - HARTING Technology Group

  19200030102 Datasheet HTML 1Page - HARTING Technology Group 19200030102 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product data sheet
19 20 003 0102
Han 3A HSI M20
Specifications and approvals
Approvals
DNV GL
CE
Yes
Commercial data
Packaging size
10
Net weight
16.5 g
Country of origin
China
European customs tariff number
85389099
eCl@ss
27440202 Shell for industrial connectors
Page 2 / 2 | Creation date 2020-03-26 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to the
user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com