Electronic Components Datasheet Search
  English  ▼

X  

19200030421 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 19200030421
Description  Han 3A-HTE (7-12mm) black seal hood
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

19200030421 Datasheet(HTML) 1 Page - HARTING Technology Group

  19200030421 Datasheet HTML 1Page - HARTING Technology Group 19200030421 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
19 20 003 0421
Han 3A-HTE (7-12mm) black +seal
Han 3A-HTE (7-12mm) black +seal
Image is for illustration purposes only. Please refer to product description.
Part number
19 20 003 0421
Specification
Han 3A-HTE (7-12mm) black +seal
HARTING eCatalogue
https://b2b.harting.com/19200030421
Identification
Category
Hoods/Housings
Series of hoods/housings
Han A®
Type of hood/housing
Hood
Description of hood/housing
for Han-Brid®
With glued seal
With integrated cable gland
Version
Locking type
Single locking lever
Size
3 A
Version
Top entry
Cable entry
1x Integrated
Field of application
Standard Hoods/housings for industrial applications
Technical characteristics
Limiting temperature
-40 ... +125 °C
Degree of protection acc. to IEC 60529
IP44
IP67 with seal screw 09 20 000 9918
Type rating acc. to UL 50 / UL 50E
4
4X
12
Cable diameter
7 ... 12 mm
Material properties
Material (hood/housing)
Polycarbonate (PC)
Page 1 / 2 | Creation date 2020-03-26 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 19200030421

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
19200030420 HARTING-19200030420 Datasheet
456Kb / 2P
Han 3A Hood Top Entry 2 Pegs M20
19200030423 HARTING-19200030423 Datasheet
456Kb / 2P
Han 3A Hood Top Entry M20
19200030427 HARTING-19200030427 Datasheet
493Kb / 2P
Han 3A Hood Top Entry M20 Black
More results

Similar Description - 19200030421

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-20-003-1440 HARTING-09-20-003-1440 Datasheet
473Kb / 2P
Han 3A-HTE-PG11 Hood
09-20-003-1443 HARTING-09-20-003-1443 Datasheet
473Kb / 2P
Han 3A-HTE-PG11 w. sealing Hood
19-20-003-0415 HARTING-19-20-003-0415 Datasheet
476Kb / 2P
Han 3A-HTE plastic (9-17mm), black Hood
19-20-003-0417 HARTING-19-20-003-0417 Datasheet
496Kb / 2P
Han 3A-HTE plastic (9-17mm), black Hood
19-20-003-0430 HARTING-19-20-003-0430 Datasheet
465Kb / 2P
Han 3A-HTE-M25 PC grey Hood
19-20-003-0433 HARTING-19-20-003-0433 Datasheet
466Kb / 2P
Han 3A-HTE-M25 PC grey w. seal Hood
19-20-003-0436 HARTING-19-20-003-0436 Datasheet
477Kb / 2P
Han 3A-HTE-M25 PC black w. seal Hood
19-20-003-0437 HARTING-19-20-003-0437 Datasheet
477Kb / 2P
Han 3A-HTE-M25 PC black Hood
19-20-003-1445 HARTING-19-20-003-1445 Datasheet
470Kb / 2P
Han 3A-HTE-M25 Hood
19-20-003-0418 HARTING-19-20-003-0418 Datasheet
439Kb / 2P
Han 3A-HTE, 9-17mm, PC black glued seal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com