Electronic Components Datasheet Search
  English  ▼

X  

GTL2014PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # GTL2014PW
Description  4-bit LVTTL to GTL transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2014PW Datasheet(HTML) 5 Page - NXP Semiconductors

  GTL2014PW Datasheet HTML 1Page - NXP Semiconductors GTL2014PW Datasheet HTML 2Page - NXP Semiconductors GTL2014PW Datasheet HTML 3Page - NXP Semiconductors GTL2014PW Datasheet HTML 4Page - NXP Semiconductors GTL2014PW Datasheet HTML 5Page - NXP Semiconductors GTL2014PW Datasheet HTML 6Page - NXP Semiconductors GTL2014PW Datasheet HTML 7Page - NXP Semiconductors GTL2014PW Datasheet HTML 8Page - NXP Semiconductors GTL2014PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
9397 750 13534
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 19 May 2005
5 of 15
Philips Semiconductors
GTL2014
4-bit LVTTL to GTL transceiver
9.
Recommended operating conditions
[1]
Unused inputs must be held HIGH or LOW to prevent them from floating.
[2]
VTT maximum of 3.6 V with resistor sized so IOL maximum is not exceeded.
[3]
A0, A1, A2, A3 VI(max) is 3.6 V if configured as outputs (DIR = L).
Table 7:
Operating conditions [1]
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
3.0
-
3.6
V
VTT
termination
voltage [2]
GTL
−
0.85
0.9
0.95
V
GTL
1.14
1.2
1.26
V
GTL+
1.35
1.5
1.65
V
Vref
reference voltage
overall
0.5
2
⁄
3VTT
VCC/2
V
GTL
−
0.5
0.6
0.63
V
GTL
0.76
0.8
0.84
V
GTL+
0.87
1.0
1.10
V
VI
input voltage
B port
0
VTT
3.6
V
except B port
0
3.3
5.5 [3]
V
VIH
HIGH-level input
voltage
B port
Vref + 0.050
-
-
V
except B port
2
-
-
V
VIL
LOW-level input
voltage
B port
-
-
Vref − 0.050
V
except B port
-
-
0.8
V
IOH
HIGH-level output
current
A port
-
-
−16
mA
IOL
LOW-level output
current
B port
-
-
40
mA
A port
-
-
16
mA
Tamb
operating ambient
temperature
in free-air
−40
-
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com