Electronic Components Datasheet Search
  English  ▼

X  

LM8300 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8300
Description  Four Wire Resistive Touchscreen Controller with Brownout
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8300 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM8300 Datasheet HTML 12Page - National Semiconductor (TI) LM8300 Datasheet HTML 13Page - National Semiconductor (TI) LM8300 Datasheet HTML 14Page - National Semiconductor (TI) LM8300 Datasheet HTML 15Page - National Semiconductor (TI) LM8300 Datasheet HTML 16Page - National Semiconductor (TI) LM8300 Datasheet HTML 17Page - National Semiconductor (TI) LM8300 Datasheet HTML 18Page - National Semiconductor (TI) LM8300 Datasheet HTML 19Page - National Semiconductor (TI) LM8300 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
14.0 Calibration (Continued)
14.2 CALIBRATION PROCEDURES WITH
COORDINATES CHECKING ENABLED
To do TS calibration with coordinates checking enabled, first
ensure the Calibration Coordinates Checking is enabled on
the device. This can be accomplished by sending a com-
mand byte of $B1 (Read Parameters command) and check-
ing the 5th bit of the 12th reply byte is set. Alternatively, if the
device is set to Calibration Coordinates Checking enabled
as default, this step can be skipped.
The TS driver sends the command byte to do calibration
($BD). The TS driver should wait for the reply bytes and
ensure it is the same command bytes it sent. The device
waits for a touch to be detected on the panel. Once a touch
is detected, the device checks it against the predetermined
calibration values as noted on Table 3. Two Points Calibra-
tion, Table 4. Five Points Calibration , and Table 5. Thirteen
Points Calibration. If the detected touch is within the pre-
defined value (±127 of the raw A/D value), the device will
send a command of $C4 to the TS driver and store the
calibration point in the internal flash. The TS driver can now
send a command byte to do the next calibration point. If the
detected touch is not within the predefined value, the device
will send a reply byte of $C8 to the TS driver. Upon receiving
this reply byte, the TS driver can resend the calibration
command for the same calibration point, go the next calibra-
tion point, or abort the calibration process.
Once all the calibration points are done, the device does a
self-test. If the self-test was not successful, the device will
20037210
FIGURE 8. Calibration Procedures with Coordinates Checking Enabled
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com