Electronic Components Datasheet Search
  English  ▼

X  

SC1112 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1112
Description  Triple Low Dropout Regulator Controllers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1112 Datasheet HTML 3Page - Semtech Corporation SC1112 Datasheet HTML 4Page - Semtech Corporation SC1112 Datasheet HTML 5Page - Semtech Corporation SC1112 Datasheet HTML 6Page - Semtech Corporation SC1112 Datasheet HTML 7Page - Semtech Corporation SC1112 Datasheet HTML 8Page - Semtech Corporation SC1112 Datasheet HTML 9Page - Semtech Corporation SC1112 Datasheet HTML 10Page - Semtech Corporation SC1112 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
Block Diagram
Vref
1.5V
1.08V
+
DELAY
ADJGATE
VTTSEN
1.5V
Bandgap
_
_
Vref
ChargePump
1.2V
Disable3.3
+
_
AGPSEN
0.7V
Disable1.5
5VSTBY
VTTSEN
+
S
_
VTTGATE
GND
1.5V
_
+
AGPGATE
0.7V
_
+
VTTSEL
_
1.5V
+
+
_
R
Pwrgd
Threshold
AGPSEL
+
-
VTTIN
+
1.2V
FC
_
Q
CAP-
1.35V
CAP+
FC
PWRGD
+
+
Disable1.2
Oscillator
1.2V
Disable1.5
ADJSEN
Reference
FC
_
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com