Electronic Components Datasheet Search
  English  ▼

X  

PI3B16209 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3B16209
Description  3.3V, 18-Bit Bus Exchange Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16209 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3B16209 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16209 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16209 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PI3B16209/162209
3.3V, 18-Bit Bus-Exchange Switch
2
PS8192B
11/09/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(4)
Description
Test Conditions
Typ
Units
CIN
Input Capacitance
VIN = 0V
3
pF
COFF
A/B Capacitance, Switch Off
VIN = 0V
14
pF
CON
A/B Capacitance, Switch On
VIN = 0V
30
pF
Storage Temperature ................................................................. –65°C to +150°C
Ambient Temperature with Power Applied .................................. –0°C to +85°C
Supply Voltage Range .................................................................. –0.5V to +4.6V
DC Input Voltage ......................................................................... –0.5V to +4.6V
DC Output Current ................................................................................... 120 mA
Power Dissipation ......................................................................................... 0.5W
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.0V to 3.6V)
Parameters Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
—
—
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
—
0.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
——
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
—
—
±1
µA
IOZH
High Impedance Output Current
0
≤ A, B ≤ VCC
——
±1
µA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
—
-0.7
–1.2
V
RON
Switch On Resistance(3)
VCC = Min., VIN = 0.0V,
16209
—
5
8
Ω
ION = 48mA
162209
20
28
40
VCC = Min., VIN = 2.4V,
16209
—
10
15
Ω
ION = 15mA
162209
20
35
48
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. ON resistance is determined by the
lower of the voltages on the two (A,B) pins.
4. This parameter is determined by device characterization but is not production tested.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions above those indicated in the opera-
tional sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect reliability.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com