Electronic Components Datasheet Search
  English  ▼

X  

PTH08T230WAS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T230WAS
Description  6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T230WAS Datasheet(HTML) 2 Page - Texas Instruments

  PTH08T230WAS Datasheet HTML 1Page - Texas Instruments PTH08T230WAS Datasheet HTML 2Page - Texas Instruments PTH08T230WAS Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.ti.com
1
PTH08T230W
(Top View)
9
7
6
5
4
3
8
2
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
PTH08T230W
SLTS265 – NOVEMBER 2005
(Voltages are with respect to GND)
UNIT
VI
Input voltage
Track
–0.3 to VI + 0.3
V
TA
Operating temperature range Over Vi range
–40 to 85
Surace temperature of module body or pins for
260
Twave
Wave soldering temperature
PTH08T230WAD
5 seconds maximum.
°C
PTH08T230WAS
235(1)
Treflow
Solder reflow temperature
Surface temperature of module body or pins
PTH08T230WAZ
260(1)
Tstg
Storage temperature
–40 to 125
Mechanical shock
Per Mil-STD-883D, Method 2002.3 1 mssec, 1/2 sine, mounted
TBD
Suffix AH
TBD
G
Mechanical vibration
Mil-STD-883D, Method 2007.2 20-2000 Hz
Suffix AS and AZ
TBD
Weight
TBD
grams
Flammability
Meets UL94V-O
(1)
During reflow of surface mount package version do not elevate peak temperature of the module, pins or internal components above the
stated maximum.
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com