Electronic Components Datasheet Search
  English  ▼

X  

AD8421 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8421
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8421 Datasheet HTML 22Page - Analog Devices AD8421 Datasheet HTML 23Page - Analog Devices AD8421 Datasheet HTML 24Page - Analog Devices AD8421 Datasheet HTML 25Page - Analog Devices AD8421 Datasheet HTML 26Page - Analog Devices AD8421 Datasheet HTML 27Page - Analog Devices AD8421 Datasheet HTML 28Page - Analog Devices AD8421 Datasheet HTML 29Page - Analog Devices AD8421 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
LTC6373
26
Rev. 0
For more information www.analog.com
CCM
R
6373 F08
CDIFF
R
180pF
CCM
LTC6373
IN+
IN-
REF
GND
1.8V
VREF
VDD
VREF
0V
ADC
-
+
VOCM
VREF
0V
+15V
-15V
VREF/2G
-VREF/2G
V-IN
V+IN
VREF/2
used to
set G
VREF/2G
-VREF/2G
SAR ADC: use any ADC listed in Table 3
- ADC: use AD7134
Figure 8. LTC6373 Driving Precision ADC
As a more specific example, Figure 9 and Figure 10 show
typical Signal-to-Noise Ratio (SNR) and Total Harmonic
Distortion (THD) of the LTC6373 driving the AD4020 SAR
ADC (with high-Z mode enabled) at a near full-scale signal
for various ADC throughputs. The recommended RC filter
values used in Figure 8 for optimum performance at each
throughput are listed in Table 4, as well as the selected
reference voltage (VREF).
Table 4. RC Filter Selection for LTC6373 Driving AD4020 (at Various Throughputs)
ADC
Throughput
(Msps)
VREF
(V)
Signal Level at LTC6373
Outputs = ADC Inputs (VP-P)
R (Ω) CCM
(pF)
CDIFF
(pF)
Typical SNR
(dB)
Typical THD
(dB)
AD4020
1.8
5
10
442
180
Open See Figure 9 See Figure 10
1
5
10
887
180
Open See Figure 9 See Figure 10
0.6
5
10
887
180
Open See Figure 9 See Figure 10
fIN = 1kHz
THROUGHPUT = 1.8Msps
THROUGHPUT = 1Msps
THROUGHPUT = 0.6Msps
LTC6373 GAIN SETTING (G)
0.25 0.5
1
2
4
8
16
80
82
84
86
88
90
92
94
96
98
100
SNR for LTC6373 Driving AD4020
6373 F09
fIN = 1kHz
THROUGHPUT = 1.8Msps
THROUGHPUT = 1Msps
THROUGHPUT = 0.6Msps
LTC6373 GAIN SETTING (G)
0.25 0.5
1
2
4
8
16
–130
–125
–120
–115
–110
–105
–100
–95
–90
THD for LTC6373 Driving AD4020
6373 F10
Figure 9. SNR for LTC6373 Driving AD4020
Figure 10. THD for LTC6373 Driving AD4020
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com