Electronic Components Datasheet Search
  English  ▼

X  

AD4020 Datasheet(PDF) 9 Page - Analog Devices

Part # AD4020
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4020 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD4020 Datasheet HTML 5Page - Analog Devices AD4020 Datasheet HTML 6Page - Analog Devices AD4020 Datasheet HTML 7Page - Analog Devices AD4020 Datasheet HTML 8Page - Analog Devices AD4020 Datasheet HTML 9Page - Analog Devices AD4020 Datasheet HTML 10Page - Analog Devices AD4020 Datasheet HTML 11Page - Analog Devices AD4020 Datasheet HTML 12Page - Analog Devices AD4020 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LTC6373
9
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Differential Gain Error vs
Temperature
Differential Gain Error vs
Temperature
Gain vs Frequency
CMRR vs Temperature
CMRR vs Frequency
CMRR vs Frequency With Source
Imbalance
V+ = V+OUT = 15V, V– = –15V, VICM = VOCM = 0V, TA = 25°C, G = 1, unless otherwise noted.
5 UNITS
G = 16
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–100
–80
–60
–40
–20
0
20
40
60
80
100
Temperature
6373 G18
TYPICAL UNIT
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–100
–80
–60
–40
–20
0
20
40
60
80
100
6373 G19
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25
RL= 2kΩ
FREQUENCY (MHz)
0.01
0.1
1
10
100
–24
–18
–12
–6
0
6
12
18
24
30
36
Gain vs Frequency
6373 G20
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25
TYPICAL UNIT
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–100
–80
–60
–40
–20
0
20
40
60
80
100
CMRR vs Temperature
6373 G21
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
40
46
52
58
64
70
76
82
88
94
100
106
112
118
124
130
CMRR vs Frequency
6373 G22
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25
G = 16
NO SOURCE IMBALANCE
1kΩ SOURCE IMBALANCE
5kΩ SOURCE IMBALANCE
10kΩ SOURCE IMBALANCE
FREQUENCY (Hz)
0.1
1
10
100
1k
10k 100k 1M
20
30
40
50
60
70
80
90
100
110
120
130
Source Imbalance
6373 G23
Differential Gain Nonlinearity vs
Output Voltage
LINEAR FIT FOR –20V ≤ VOUTDIFF ≤ 20V
DIFFERENTIAL INPUTS
NO RL
RL = 10kΩ
RL = 2kΩ
RL = 1kΩ
VOUTDIFF (V)
–20 –15 –10 –5
0
5
10
15
20
–20
–15
–10
–5
0
5
10
15
20
vs Output Voltage
Differential Gain Nonlinearity
6373 G17
Positive PSRR vs Frequency, RTI
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
40
50
60
70
80
90
100
110
120
130
140
6373 G24
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com