Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7768
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7768 Datasheet HTML 7Page - Analog Devices AD7768 Datasheet HTML 8Page - Analog Devices AD7768 Datasheet HTML 9Page - Analog Devices AD7768 Datasheet HTML 10Page - Analog Devices AD7768 Datasheet HTML 11Page - Analog Devices AD7768 Datasheet HTML 12Page - Analog Devices AD7768 Datasheet HTML 13Page - Analog Devices AD7768 Datasheet HTML 14Page - Analog Devices AD7768 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LTC6373
11
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Input Referred 0.1Hz to 10Hz
Voltage Noise (G = 0.5)
Input Referred 0.1Hz to 10Hz
Voltage Noise (G = 0.25)
DGND Pin Current vs DGND Pin
Voltage
A0 Digital Input Pin Current vs
A0 Digital Input Pin Voltage
A1 Digital Input Pin Current vs
A1 Digital Input Pin Voltage
Supply Current vs Temperature
A2 Digital Input Pin Current vs
A2 Digital Input Pin Voltage
Supply Current vs Supply Voltage
Shutdown Supply Current vs
Temperature
V+ = V+OUT = 15V, V– = –15V, VICM = VOCM = 0V, TA = 25°C, G = 1, unless otherwise noted.
A2 = A1 = A0 = 15V
–40°C
25°C
85°C
125°C
DGND VOLTAGE (V)
–15 –12.5 –10 –7.5 –5 –2.5 0 2.5 5 7.5 10 12.5
–50
–40
–30
–20
–10
0
10
6373 G36
DGND = A2 = A1 = 0V
–40°C
25°C
85°C
125°C
A0 VOLTAGE (V)
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
0
10
20
30
40
50
60
6373 G37
DGND = A2 = A0 = 0V
–40°C
25°C
85°C
125°C
A1 VOLTAGE (V)
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
0
10
20
30
40
50
60
6373 G38
DGND = A1 = A0 = 0V
–40°C
25°C
85°C
125°C
A2 VOLTAGE (V)
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
0
10
20
30
40
50
60
6373 G39
VS = 9V
VS = 30V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
6373 G40
–40°C
25°C
85°C
125°C
SUPPLY VOLTAGE (V)
0
5
10
15
20
25
30
35
40
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
6373 G41
VS = 9V
VS = 30V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
100
120
140
160
180
200
220
240
260
280
300
6373 G42
TIME (1s/DIV)
6373 G34
TIME (1s/DIV)
6373 G35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com