Electronic Components Datasheet Search
  English  ▼

X  

LT6202 Datasheet(PDF) 17 Page - Analog Devices

Part # LT6202
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6202 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT6202 Datasheet HTML 13Page - Analog Devices LT6202 Datasheet HTML 14Page - Analog Devices LT6202 Datasheet HTML 15Page - Analog Devices LT6202 Datasheet HTML 16Page - Analog Devices LT6202 Datasheet HTML 17Page - Analog Devices LT6202 Datasheet HTML 18Page - Analog Devices LT6202 Datasheet HTML 19Page - Analog Devices LT6202 Datasheet HTML 20Page - Analog Devices LT6202 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC6226/LTC6227
17
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 2. 7pF Feedback Cancels Parasitic Pole
Feedback Components
When feedback resistors are used to set up gain, care
must be taken to ensure that the pole formed by the feed-
back resistors and the parasitic capacitance at the invert-
ing input does not degrade stability. For example if the
amplifier is set up in a gain of +2 configuration with gain
and feedback resistors of 1k, a parasitic capacitance of
7pF (device + PC board) at the amplifier’s inverting input
will cause the part to oscillate, due to a pole formed at
45MHz. An additional capacitor of 7pF across the feedback
resistor as shown in Figure 2 will eliminate any ringing or
oscillation. In general, if the resistive feedback network
results in a pole whose frequency lies within the closed
loop bandwidth of the amplifier, a capacitor can be added
in parallel with the feedback resistor to introduce a zero
whose frequency is close to the frequency of the pole,
improving stability. For high speed designs, minimizing
parasitic inductance is important. The use of capacitors
where the electrodes are terminated on the long side
instead of the short side (for example the use of 0306
instead of 0603 components) can help in this regard.
Power Dissipation
Care must be taken to ensure that the junction tempera-
ture of the die does not exceed 150°C.
The junction temperature, TJ, is calculated from the ambi-
ent temperature, TA, power dissipation, PD, and thermal
resistance, θJA:
TJ = TA + (PD • θJA).
The power dissipation in the IC is a function of the supply
voltage, output voltage and load resistance. For symmet-
ric supply voltages with output load connected to ground,
the worst-case power dissipation PD(MAX) occurs when
the supply current is maximum and the output voltage at
half of either supply voltage for a given load resistance.
PD(MAX) is approximately (since IS actually changes with
output load current) given by:
PD(MAX) = (2 • VS • IS(MAX)) + (VS/2)2/RL
Example: For an LTC6227 in a 8-lead MS package operat-
ing on ±5V supplies and driving a 250Ω load to ground,
the worst-case power dissipation is approximately given
by PD(MAX)/Amp = (10 • 7.4mA) + (5/2)2/250 = 99mW.
If both channels are loaded identically, the total power
dissipation is 198mW.
At the Absolute Maximum ambient operating temperature,
the junction temperature under these conditions will be:
TJ = TA + (PD • θJA) = 125 + 0.198 • 35 = 132°C
which is less than the absolute maximum junction tem-
perature for the LTC6227.
Refer to the Pin Configuration section for thermal resis-
tances of various packages
Board Layout and Bypass Capacitors
High speed and RF board layout techniques should
be applied due to the very high speeds of the signals
involved. For the LTC6226 SOIC-8 package option, the
feedback should be taken from the FB pin rather than from
the output pin, to reduce signal trace length.
Stray capacitances at the –IN and +IN pins should be
made as low as possible to reduce stability degradation.
Shutdown
The LTC6226 and LTC6227DD have SHDN pins that can
shut down the amplifier to 350µA typical supply current.
The SHDN pin needs to be taken 2.75V below the posi-
tive supply to shut down. When left floating, the SHDN
pin is internally pulled up to 1.2V below the positive sup-
ply and the amplifier remains on. During shutdown, the
output transistors Q15 and Q14 in Figure 1 are in a high
impedance state.
62267 F02
7pF
1k
1k
CPAR
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com