Electronic Components Datasheet Search
  English  ▼

X  

LT1801 Datasheet(PDF) 3 Page - Analog Devices

Part # LT1801
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1801 Datasheet(HTML) 3 Page - Analog Devices

  LT1801 Datasheet HTML 1Page - Analog Devices LT1801 Datasheet HTML 2Page - Analog Devices LT1801 Datasheet HTML 3Page - Analog Devices LT1801 Datasheet HTML 4Page - Analog Devices LT1801 Datasheet HTML 5Page - Analog Devices LT1801 Datasheet HTML 6Page - Analog Devices LT1801 Datasheet HTML 7Page - Analog Devices LT1801 Datasheet HTML 8Page - Analog Devices LT1801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC6226/LTC6227
3
Rev 0
For more information www.analog.com
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. VS = ±5V,VCM = 0V, VSHDN = floating unless otherwise noted.
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS (VS = ±5V)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
l
–95
–225
20
95
225
μV
μV
ΔVOS
Input Offset Voltage Match (Channel to
Channel, LTC6227, Note 5)
l
–140
–400
18
140
400
μV
μV
TCVOS
Input Offset Voltage Drift
l
0.4
μV/°C
IB
Input Bias Current (Note 6)
l
–20
–25
–8.4
μA
μA
ΔIB
Input Bias Current Match
(Channel to Channel,LTC6227, Note 5)
l
–2
–3
0.3
2
3
µA
µA
IOS
Input Offset Current
l
–0.35
–0.5
0.2
0.35
0.5
μA
µA
ΔIOS
Input OffsetCurrent Match
(Channel to Channel, LTC6227, Note 5)
l
–0.7
–1
0.15
0.7
1
µA
µA
en
Input Noise Voltage Spectral Density
f = 1MHz
1
nV/√Hz
Integrated 1/f Noise
0.1Hz to 10Hz
0.77
μVP-P
in
Input Noise Current Spectral Density
f = 1MHz
2.4
pA/√Hz
CIN
Input Capacitance
Differential Mode
Common Mode
3
1
pF
pF
RIN
Input Resistance
Differential Mode
Common Mode
4.7
6
kΩ
MΩ
AVOL
Large Signal Voltage Gain
RL = 1kΩ to Half Supply VOUT = ±4V
l
114
110
139
dB
dB
RL = 100Ω to Half Supply VOUT = ±2.5V
l
93
88
110
dB
dB
CMRR
Common Mode Rejection Ratio
VCM = V– – 0.1V to V+ – 1.2V
l
100
95
114
dB
dB
VCMR
Input Common Mode Range (Note 10)
l
V–– 0.1
V+ – 1.2
V
PSRR+
Positive Power Supply Rejection Ratio
V– = –1V, V+ = 1.8V to 10.75V
l
100
95
115
dB
dB
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6226IS6#TRMPBF
LTC6226IS6#TRPBF
LTHGY
6-Lead TSOT-23
–40°C to 85°C
LTC6226HS6#TRMPBF
LTC6226HS6#TRPBF
LTHGY
6-Lead TSOT-23
–40ºC to 125°C
LTC6226IDC#TRMPBF
LTC6226IDC#TRPBF
LHGZ
6-Lead 2mm × 2mm DFN
–40°C to 85°C
LTC6226HDC#TRMPBF
LTC6226HDC#TRPBF
LHGZ
6-Lead 2mm × 2mm DFN
–40ºC to 125°C
LTC6226IS8#PBF
LTC6226IS8#TRPBF
6226
8-Lead SOIC-8
–40°C to 85°C
LTC6226HS8#PBF
LTC6226HS8#TRPBF
6226
8-Lead SOIC-8
–40ºC to 125°C
LTC6227IMS8E#PBF
LTC6227IMS8E#TRPBF
LTHHB
8-Lead MSOP, Exposed Pad
–40°C to 85°C
LTC6227HMS8E#PBF
LTC6227HMS8E#TRPBF
LTHHB
8-Lead MSOP, Exposed Pad
–40ºC to 125°C
LTC6227IDD#PBF
LTC6227IDD#TRPBF
LHHC
10-Lead 3mm × 3mm DFN
–40°C to 85°C
LTC6227HDD#PBF
LTC6227HDD#TRPBF
LHHC
10-Lead 3mm × 3mm DFN
–40ºC to 125°C
Contact the factory for parts specified with wider operating temperature ranges.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com