Electronic Components Datasheet Search
  English  ▼

X  

LTC6350 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC6350
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6350 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC6350 Datasheet HTML 18Page - Analog Devices LTC6350 Datasheet HTML 19Page - Analog Devices LTC6350 Datasheet HTML 20Page - Analog Devices LTC6350 Datasheet HTML 21Page - Analog Devices LTC6350 Datasheet HTML 22Page - Analog Devices LTC6350 Datasheet HTML 23Page - Analog Devices LTC6350 Datasheet HTML 24Page - Analog Devices LTC6350 Datasheet HTML 25Page - Analog Devices LTC6350 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC6226/LTC6227
22
Rev 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 9. LTC6227-LT5401 Based Instrumentation Amplifier Frequency Response
FREQUENCY (Hz)
10k
100k
1M
10M
100M
–10
–5
0
5
10
15
20
25
30
62267 F09a
FREQUENCY (Hz)
100
1K
10K
100K
1M
20M
0
10
20
30
40
50
60
70
80
90
100
62267 F010
100ns/DIV
OUT+
750mV/DIV
OUT–
750mV/DIV
INPUT
75mV/DIV
62267 F10
Figure 10. LTC6227-LT5401 Based Instrumentation Amplifier CMRR
Figure 11. LTC6227-LT5401 Based Instrumentation Amplifier Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com