Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7380
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7380 Datasheet HTML 14Page - Analog Devices AD7380 Datasheet HTML 15Page - Analog Devices AD7380 Datasheet HTML 16Page - Analog Devices AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices AD7380 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC6226/LTC6227
18
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 3.
For single supply applications, it is recommended that high
quality 0.1µF||1000pF ceramic bypass capacitors be placed
directly between each V+ pin and its closest V– pin with
short connections. The V– pins (including the Exposed Pad)
should be tied directly to a low impedance ground plane
with minimal routing. For dual (split) power supplies, it is
recommended that additional high quality 0.1µF||1000pF
ceramic capacitors be used to bypass V+ pins to ground
and V– pins to ground, again with minimal routing.
Noise Considerations
The ultralow input referred voltage noise of of 1nV/√Hz
is equivalent to that of an 60Ω resistor. As with all BJT
input amplifiers, lowering input referred noise is achieved
by increasing the collector current of the input differential
pair, which increases the input referred current noise.
Figure 3 shows the LTC6226 in a typical gain configuration.
Resistor noise dominated the input referred noise of the
gain stage when
REQ >> en2/4kT and REQ << 4kT/in2
Op amp input referred current noise dominates the input
referred noise when
REQ >> 4kT/in2
With an input referred voltage noise spectral density of
1nV/Hz and an input referred current noise of 2.4pA/Hz,
it is easy to see that the gain stage’s input referred noise
is dominated by op amp voltage noise when REQ << 60Ω
and by resistor noise when
60Ω << REQ << 2.9kΩ.
Above an REQ of 2.9kΩ, input referred current noise
dominates.
Distortion/Noise Trade-Off
As evident from the previous section, gain stage noise
can be reduced by reducing REQ. However, reducing REQ
has its disadvantages. In addition to increasing power
dissipation in the presence of large output signals, the use
of smaller resistors for a given gain results in increased
distortion, because the internal nonlinearities of the op
amp worsen with increasing load current. In addition,
smaller resistors decrease op amp gain and hence can
affect bandwidth. Hence when designing a system using
the LTC6226/LTC6227, it is recommended that the resis-
tor values be limited only by the system noise require-
ments with the caveat that the effect of the impedances'
parasitic capacitances shouldn’t affect the gain below the
intended bandwidth. For example, for a feedback resistor
of 5kΩ, a parasitic capacitor of 400fF will impact gain at
frequencies above 79MHz.
62267 F03
RF
RS1
LTC6226
RS2 en
in
in
As can be seen, the input referred noise spectral density
of the gain stage (eT) can be calculated by the following
equations:
eT2 = en2 + in2REQ2 + 4kTREQ
Where
REQ = RS2 + RS1||RF, k is the Boltzmann constant and
T is the temperature (in Kelvin).
Op amp input referred noise dominates the input referred
noise of the gain stage when
REQ << en2/4kT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com