Electronic Components Datasheet Search
  English  ▼

X  

RN2964 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN2964
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2964 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN2964 Datasheet HTML 1Page - Toshiba Semiconductor RN2964 Datasheet HTML 2Page - Toshiba Semiconductor RN2964 Datasheet HTML 3Page - Toshiba Semiconductor RN2964 Datasheet HTML 4Page - Toshiba Semiconductor RN2964 Datasheet HTML 5Page - Toshiba Semiconductor RN2964 Datasheet HTML 6Page - Toshiba Semiconductor RN2964 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RN2961~RN2966
2001-06-07
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2961,RN2962,RN2963,RN2964,RN2965,RN2966
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
l Including two devices in US6 (ultra super mini type with 6 leads)
l With built-in bias resistors
l Simplify circuit design
l Reduce a quantity of parts and manufacturing process
l Complementary to RN1961~RN1966
Equivalent Circuit and Bias Resistor Values
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
RN2961~2966
VCEO
−50
V
RN2961~2964
−10
RN2965, 2966
−5
Collector current
IC
−100
mA
Collector power dissipation
PC *
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
* : Total rating
JEDEC
―
EIAJ
―
TOSHIBA
2-2J1B
Weight: 6.8mg
Type No.
R1 (kΩ)R2 (kΩ)
RN2961
4.7
4.7
RN2962
10
10
RN2963
22
22
RN2964
47
47
RN2965
2.2
47
RN2966
4.7
47
Unit: mm
Equivalent Circuit (Top View)


Similar Part No. - RN2964

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2964CT TOSHIBA-RN2964CT Datasheet
219Kb / 8P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN2964FE TOSHIBA-RN2964FE Datasheet
558Kb / 8P
Silicon PNP Epitaxial Type (PCT Process) (Bias Resistor Built-in Transistor)
01-Jul-2004
RN2964FS TOSHIBA-RN2964FS Datasheet
178Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN2964

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
07-Jun-2001
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
07-Jun-2001
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
01-Nov-2007
RN1112 TOSHIBA-RN1112_07 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
01-Nov-2007
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
01-Nov-2007
RN1970HFE TOSHIBA-RN1970HFE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4985FE TOSHIBA-RN4985FE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com