Electronic Components Datasheet Search
  English  ▼

X  

FN-258 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN-258
Description  Book-style EMC/RFI Filter for Inverters and Power Drive Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-258 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN-258 Datasheet HTML 1Page - Schaffner International Ltd FN-258 Datasheet HTML 2Page - Schaffner International Ltd FN-258 Datasheet HTML 3Page - Schaffner International Ltd FN-258 Datasheet HTML 4Page - Schaffner International Ltd FN-258 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA
SHEET
3-Phase Filters FN 258
Book-style EMC/RFI Filter for Inverters and Power Drive Systems
Industry standard EMC solution for three-phase
PDS filtering
Slim space-saving book-style housing
Solid safety connector blocks or optional wire
output connections
Excellent attenuation performance
HV versions for up to 690 VAC
HVIT versions for IT distribution networks
P/L versions with low leakage current
Performance indicators
Technical specifications
Maximum continuous operating voltage
3x 520/300 VAC (FN 258, FN 258 L, FN 258 P)
3x 760/440 VAC (FN 258 HV, FN 258 HVIT)
Rated currents
7 to 250 A @50°C (480 V filters)
Operating frequency
DC to 60 Hz
High potential test voltage
P –> E 2650 VDC for 2 sec (FN 258)
P –> P 2100 VDC for 2 sec (FN 258)
P –> E 2000 VAC for 2 sec (FN 258L)
P –> P 2100 VDC for 2 sec (FN 258L)
P –> E 3000 VDC for 2 sec (FN 258P)
P –> P 2100 VDC for 2 sec (FN 258P)
P –> E 3200 VDC for 2 sec (FN 258HV and FN 258HVIT)
P –> P 3270 VDC for 2 sec (FN 258HV and FN 258HVIT)
Protection category
IP 20
Overload capability
4x rated current at switch on,
1.5x rated current for 1 minute, once per hour
Temperature range (operation and storage)
-25°C to +100°C (25/100/21)
Flammability corresponding to
UL 94 V-2 or better
Design corresponding to
UL 1283, CSA 22.2 No. 8 1986, IEC/EN 60939
MTBF @ 50°C/400 V (Mil-HB-217F)
220,000 hours
Approvals
UL/CSA: FN 258 up to 180 A (ex. -180-07)
Features and benefits
FN 258 range of filters provides state-of- the-art EMI
attenuation based on an innovative multi-stage
filter topology. They help to ensure compliance with
Class A or even Class B limits
The slim book-style shape allows a convenient and
space-saving installation next to inverters and
motor drives
With 480 VAC rating and filter modules from 7 to
250 A, FN 258 are ready for the most diverse
applications worldwide
FN 258 HV filters up to 130 A are designed for 690
VAC distribution networks
FN 258 HVIT filters up to 130 A meet the special
requirements for the application in industrial 690
VAC IT distribution networks
FN 258 L and FN 258 P filters help to fulfill tough
requirements in respect of leakage current
limitation and provide an excellent solution to
overcome problems with nuisance tripping of
sensitive earth leakage detectors
Typical applications
Three-phase variable speed drives and power drive
systems (PDS)
IT power distribution networks (FN 258 HVIT)
Applications comprising energy conversion devices
(inverters, converters)
Process automation equipment
Three-phase power supplies and UPS
Applications with low-leakage current requirements
(FN 258 L and FN 258 P)
Typical electrical schematic


Similar Part No. - FN-258

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-2580 SCHAFFNER-FN-2580 Datasheet
278Kb / 3P
EMC/EMI line filter for lighting equipment
More results

Similar Description - FN-258

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN2200-600-99 ETC2-FN2200-600-99 Datasheet
461Kb / 4P
DC EMC/EMI Filter for PV Inverters
FN258-55-07 ETC2-FN258-55-07 Datasheet
332Kb / 5P
Book-style EMC/RFI Filter for Inverters and Power Drive Systems
FN258-7-07 ETC2-FN258-7-07 Datasheet
309Kb / 4P
Book-style EMC/RFI Filter for Inverters and Power Drive Systems
logo
Schaffner International...
FN-350 SCHAFFNER-FN-350 Datasheet
557Kb / 4P
Compact EMC/RFI Filter for Motor Drives
FN-2200 SCHAFFNER-FN-2200 Datasheet
1Mb / 5P
EMC/EMI Filter for PV Inverters
FN-3120 SCHAFFNER-FN-3120 Datasheet
309Kb / 4P
High-Performance EMC/RFI Filter for Drives
FN-3270 SCHAFFNER-FN-3270 Datasheet
681Kb / 4P
Compact EMC/RFI Filter for Industrial Motor Drive Applications
FN-3287 SCHAFFNER-FN-3287 Datasheet
1Mb / 9P
Smallest book-style EMC/RFI Filter for Inverter and Power Drive Systems
FN-3359 SCHAFFNER-FN-3359 Datasheet
786Kb / 4P
High-current EMC/RFI Filter
FN3840 SCHAFFNER-FN3840 Datasheet
1Mb / 6P
Book-style EMC/RFI Filter for regenerative drive application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com