Electronic Components Datasheet Search
  English  ▼

X  

FN-332 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN-332
Description  Performance EMI Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-332 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN-332 Datasheet HTML 1Page - Schaffner International Ltd FN-332 Datasheet HTML 2Page - Schaffner International Ltd FN-332 Datasheet HTML 3Page - Schaffner International Ltd FN-332 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATASHEET
Single-Stage Filters FN 332
Performance EMI Filter
Rated currents from 1 to 10 A
Compact housing
Optional overvoltage protection (Z type)
Performance indicators
Technical specifications
Maximum continuous operating voltage
250 VAC, 50/60 Hz
Operating frequency
DC to 400 Hz
Rated currents
1 to 10 A @ 40°C max.
High potential test voltage
P –> PE 2000 VAC for 2 sec
P –> N 760 VAC for 2 sec
P –> N 250 VAC for 2 sec (Z types)
Temperature range (operation and storage)
-25°C to +100°C (25/100/21)
Flammability corresponding to
UL 94 V-2 or better
Design corresponding to
UL 1283, CSA 22.2 No. 8 1986, IEC/EN 60939
Surge pulse protection (Z type)
2 kV, IEC 61000-4-5
MTBF @ 40°C/230 V (Mil-HB-217F)
710,000 hours
Approvals
Features and benefits
FN 332 filters are designed for easy and fast chassis
mounting
FN 332 filters are also available with integrated surge
pulse protection to safeguard sensitive electrical
equipment
All FN 332 single-phase filters provide a good
attenuation performance, based on chokes with
high saturation resistance and excellent thermal
behavior
Chokes with high saturation resistance and high
inductivity
Surge pulse protection
Custom-specific versions on request
Typical applications
Electrical and electronic equipment
Consumer goods
Household equipment
Power supplies
Office automation equipment
Datacom equipment
Industrial equipment auxiliary supply
Typical electrical schematic


Similar Part No. - FN-332

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-3311 SCHAFFNER-FN-3311 Datasheet
3Mb / 4P
Compact power line AC EMC/EMI filter
FN-3311-HV SCHAFFNER-FN-3311-HV Datasheet
1Mb / 4P
Compact 690 VAC power line EMC/EMI filter
FN-3359 SCHAFFNER-FN-3359 Datasheet
786Kb / 4P
High-current EMC/RFI Filter
More results

Similar Description - FN-332

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9226-10-02 ETC2-FN9226-10-02 Datasheet
239Kb / 4P
HF Performance EMC/EMI Filter
FN332-1-05 ETC2-FN332-1-05 Datasheet
186Kb / 4P
Performance EMI Filter
FN9233SR-3-06 ETC2-FN9233SR-3-06 Datasheet
348Kb / 6P
High Performance EMC/EMI Filter
FN660-1-06 ETC2-FN660-1-06 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
logo
TE Connectivity Ltd
EC1 TEC-EC1 Datasheet
243Kb / 3P
High Performance EMI Power Inlet Filter
logo
Schaffner International...
FN-343 SCHAFFNER-FN-343 Datasheet
3Mb / 3P
Performance EMI Filter
FN-9226 SCHAFFNER-FN-9226 Datasheet
1Mb / 4P
HF Performance EMC/EMI Filter
FN-9233 SCHAFFNER-FN-9233 Datasheet
964Kb / 7P
High Performance EMC/EMI Filter
FN-9244 SCHAFFNER-FN-9244 Datasheet
3Mb / 6P
Excellent Performance EMC/EMI Filter
logo
TE Connectivity Ltd
AHV TEC-AHV Datasheet
3Mb / 26P
THREE PHASE HIGH PERFORMANCE EMI FILTER
08/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com