Electronic Components Datasheet Search
  English  ▼

X  

FN-343 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN-343
Description  Performance EMI Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-343 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN-343 Datasheet HTML 1Page - Schaffner International Ltd FN-343 Datasheet HTML 2Page - Schaffner International Ltd FN-343 Datasheet HTML 3Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATASHEET
Two-Stage Filters FN 343
Performance EMI Filter
Rated currents from 1 to 10 A
Dual-stage filter
Compact housing
Integrated earth line choke
Performance indicators
Technical specifications
Maximum continuous operating voltage
250 VAC, 50/60 Hz
Operating frequency
DC to 400 Hz
Rated currents
1 to 10 A @ 40°C max.
High potential test voltage
P –> PE 2000 VAC for 2 sec
P –> N 760 VAC for 2 sec
Temperature range (operation and storage)
-25°C to +100°C (25/100/21)
Flammability corresponding to
UL 94 V-2 or better
Design corresponding to
UL 1283, CSA 22.2 No. 8 1986, IEC/EN 60939
MTBF @ 40°C/230 V (Mil-HB-217F)
970,000 hours
Approvals
Features and benefits
FN 343 filters are designed for easy and fast chassis
mounting
Increased attenuation performance based on dual-
stage filter design and earth line choke
All FN 343 single-phase filters provide an excellent
attenuation performance, based on chokes with
high saturation and excellent thermal behavior
Faston connection
Integrated earth line choke
Compact design
Custom-specific versions on request
Typical applications
Electrical and electronic equipment
Consumer goods
Household equipment
Power supplies
Office automation equipment
Datacom equipment
Industrial equipment auxiliary supply
Typical electrical schematic


Similar Part No. - FN-343

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-3410 SCHAFFNER-FN-3410 Datasheet
471Kb / 5P
Ecosine 50 Hz Passive Harmonic Filters
FN-3410-HV-690 SCHAFFNER-FN-3410-HV-690 Datasheet
2Mb / 5P
Ecosine 50 Hz Passive Harmonic Filters
FN-3411 SCHAFFNER-FN-3411 Datasheet
568Kb / 5P
Ecosine 50Hz Passive Harmonic Filters
FN-3412 SCHAFFNER-FN-3412 Datasheet
473Kb / 5P
Ecosine 60 Hz Passive Harmonic Filters
FN-3413 SCHAFFNER-FN-3413 Datasheet
471Kb / 5P
Ecosine 60 Hz Passive Harmonic Filters
More results

Similar Description - FN-343

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9226-10-02 ETC2-FN9226-10-02 Datasheet
239Kb / 4P
HF Performance EMC/EMI Filter
FN332-1-05 ETC2-FN332-1-05 Datasheet
186Kb / 4P
Performance EMI Filter
FN9233SR-3-06 ETC2-FN9233SR-3-06 Datasheet
348Kb / 6P
High Performance EMC/EMI Filter
FN660-1-06 ETC2-FN660-1-06 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
logo
TE Connectivity Ltd
EC1 TEC-EC1 Datasheet
243Kb / 3P
High Performance EMI Power Inlet Filter
logo
Schaffner International...
FN-332 SCHAFFNER-FN-332 Datasheet
378Kb / 4P
Performance EMI Filter
FN-9226 SCHAFFNER-FN-9226 Datasheet
1Mb / 4P
HF Performance EMC/EMI Filter
FN-9233 SCHAFFNER-FN-9233 Datasheet
964Kb / 7P
High Performance EMC/EMI Filter
FN-9244 SCHAFFNER-FN-9244 Datasheet
3Mb / 6P
Excellent Performance EMC/EMI Filter
logo
TE Connectivity Ltd
AHV TEC-AHV Datasheet
3Mb / 26P
THREE PHASE HIGH PERFORMANCE EMI FILTER
08/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com