Electronic Components Datasheet Search
  English  ▼

X  

FN-2020 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN-2020
Description  General Purpose AC/DC EMI Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-2020 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-2020 Datasheet HTML 1Page - Schaffner International Ltd FN-2020 Datasheet HTML 2Page - Schaffner International Ltd FN-2020 Datasheet HTML 3Page - Schaffner International Ltd FN-2020 Datasheet HTML 4Page - Schaffner International Ltd FN-2020 Datasheet HTML 5Page - Schaffner International Ltd FN-2020 Datasheet HTML 6Page - Schaffner International Ltd FN-2020 Datasheet HTML 7Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
EMC/EMI Products
Schaffner Group Datasheets 28 Aug 2020
Filter selection table
Filter*
Buy
Rated current
Leakage current**
Power Loss
Inductance***
Capacitance***
Resistance***
Input/Output Weight
@ 40°C (25°C)
@ 250 VAC/50 Hz
@25°C/DC
L
Cx
Cy
R
connections
(@ 120 VAC/60 Hz)
[A]
[mA]
[W]
[mH]
[μF]
[nF]
[kΩ]
[g]
FN2020-1-..
1 (1.15)
0.66 (0.38)
0.8
12
0.15
4.7
1000
-06
-07
80
FN2020-3-..
3 (3.45)
0.66 (0.38)
1.2
2.5
0.15
4.7
1000
-06
-07
80
FN2020-6-..
6 (6.9)
0.66 (0.38)
1.5
1
0.15
4.7
1000
-06
-07
80
FN2020-10-..
10 (11.5)
0.66 (0.38)
2.9
0.8
0.15
4.7
1000
-06
-07
85
FN2020-12-..
12 (13.8)
0.66 (0.38)
3.6
0.7
0.15
4.7
1000
-06
-07
85
FN2020-16-..
16 (18.4)
0.66 (0.38)
2.5
0.65
0.15
4.7
1000
-06
-07
-08
140
FN2020-20-..
20 (23)
0.66 (0.38)
3.8
0.6
0.15
4.7
1000
-06
-08
210
FN2020-30-08
30 (34.5)
0.79 (0.45)
6.3
0.67
0.47
10
470
-08
470
FN2020-60-24
60 (69)
0.79 (0.45)
14.7
1
1.5
10
220
-24
1100
FN2020A-1-..
1 (1.15)
0.07 (0.04)
0.8
12
0.15
0.47
1000
-06
-07
80
FN2020A-3-..
3 (3.45)
0.07 (0.04)
1.2
2.5
0.15
0.47
1000
-06
-07
80
FN2020A-6-..
6 (6.9)
0.07 (0.04)
1.5
1
0.15
0.47
1000
-06
-07
80
FN2020A-10-..
10 (11.5)
0.07 (0.04)
2.9
0.8
0.15
0.47
1000
-06
-07
85
FN2020A-12-..
12 (13.8)
0.07 (0.04)
3.6
0.7
0.15
0.47
1000
-06
-07
85
FN2020A-16-..
16 (18.4)
0.07 (0.04)
2.5
0.65
0.15
0.47
1000
-06
-07
-08
140
FN2020A-20-..
20 (23)
0.07 (0.04)
3.8
0.6
0.15
0.47
1000
-06
-08
210
FN2020A-30-08
30 (34.5)
0.07 (0.04)
6.3
0.67
0.47
0.47
470
-08
470
FN2020A-60-24
60 (69)
0.07 (0.04)
14.7
1
1.5
0.47
220
-24
1100
FN2020B-1-..
1 (1.15)
0.00
0.8
12
0.15
1000
-06
-07
80
FN2020B-3-..
3 (3.45)
0.00
1.2
2.5
0.15
1000
-06
-07
80
FN2020B-6-..
6 (6.9)
0.00
1.5
1
0.15
1000
-06
-07
80
FN2020B-10-..
10 (11.5)
0.00
2.9
0.8
0.15
1000
-06
-07
85
FN2020B-12-..
12 (13.8)
0.00
3.6
0.7
0.15
1000
-06
-07
85
FN2020B-16-..
16 (18.4)
0.00
2.5
0.65
0.15
1000
-06
-07
-08
140
FN2020B-20-..
20 (23)
0.00
3.8
0.6
0.15
1000
-06
-08
210
FN2020B-30-08
30 (34.5)
0.00
6.3
0.67
0.47
470
-08
470
FN2020B-60-24
60 (69)
0.00
14.7
1
1.5
220
-24
1100
* To compile a complete part number, please replace the -.. with the required I/O connection style (e.g. FN 2020-30-08, FN 2020B-10-06).
** Maximum leakage under usual AC operating conditions (acc. IEC60939-3). Note: if the neutral line is interrupted, worst case leakage could reach twice this level.
*** Tolerances apply: Inductance: -30/+50%, Capacitance: ±20%, Resistance: ±10%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com