Electronic Components Datasheet Search
  English  ▼

X  

FN-2200 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN-2200
Description  EMC/EMI Filter for PV Inverters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-2200 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-2200 Datasheet HTML 1Page - Schaffner International Ltd FN-2200 Datasheet HTML 2Page - Schaffner International Ltd FN-2200 Datasheet HTML 3Page - Schaffner International Ltd FN-2200 Datasheet HTML 4Page - Schaffner International Ltd FN-2200 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
EMC/EMI Products
Schaffner Group
Datasheets
04 Sep 2020
Filter selection table
Filter
Buy
Rated current
Typical inverter
Filter efficiency
Power loss
Input/Output
Weight
@ 55°C (40°C)
AC power rating*
@ 25°C/DC
@ 25°C/DC
connections
[A]
[kW]
[%]
[W]
[kg]
FN2200-25-33
25 (28)
10
> 99.9
8
-33
0.9
FN2200-50-34
50 (57)
20
> 99.9
17
-34
1.6
FN2200-75-34
75 (86)
30
> 99.9
18
-34
1.7
FN2200-100-35
100 (115)
40
> 99.9
22
-35
2.7
FN2200-150-40
150 (173)
60
> 99.9
31
-40
4.9
FN2200-250-99
250 (288)
100
> 99.9
10
-99
5.0
FN2200-400-99
400 (460)
150
> 99.9
16
-99
6.1
FN2200-600-99
600 (690)
250
> 99.9
29
-99
6.5
FN2200-800-99
800 (920)
350
> 99.9
26
-99
9.3
FN2200-1000-99
1000 (1150)
400
> 99.9
40
-99
9.4
FN2200-1500-99
1500 (1600)
500
> 99.9
45
-99
14.6
FN2200-2300-99
2300 (2500)
800/1000
> 99.9
84
-99
25.0
FN2200B-25-33
25 (28)
10
> 99.9
8
-33
0.9
FN2200B-50-34
50 (57)
20
> 99.9
17
-34
1.6
FN2200B-75-34
75 (86)
30
> 99.9
18
-34
1.7
FN2200B-100-35
100 (115)
40
> 99.9
22
-35
2.7
FN2200B-150-40
150 (173)
60
> 99.9
31
-40
4.9
FN2200B-250-99
250 (288)
100
> 99.9
10
-99
5.0
FN2200B-400-99
400 (460)
150
> 99.9
16
-99
6.1
FN2200B-600-99
600 (690)
250
> 99.9
29
-99
6.5
FN2200B-800-99
800 (920)
350
> 99.9
26
-99
9.3
FN2200B-1000-99
1000 (1150)
400
> 99.9
40
-99
9.4
FN2200B-1500-99
1500 (1600)
500
> 99.9
45
-99
14.6
FN2200B-2300-99
2300 (2500)
800/1000
> 99.9
84
-99
25.0
* Based on rated DC current of typical 3-phase PV inverters with 900 VDC input. Note: depending upon manufacturer and model, DC currents for a given PV inverter
power can differ significantly. Filters with higher current ratings for large central inverters up to the MW range are available upon request.
Distribution inventory
Up-to-date inventory levels for global distributors is available at
https://products.schaffner.com/stock
Typical filter attenuation
Per CISPR 17; A=50 Ω/50 Ω sym; B=50 Ω/50 Ω asym; C=0.1 Ω/100 Ω sym; D=100 Ω/0.1 Ω sym
25 to 75 A types
100 to 150 A types
250 A types
400 to 2300 A types



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com