Electronic Components Datasheet Search
  English  ▼

X  

FN-3413 Datasheet(PDF) 4 Page - Schaffner International Ltd

Part # FN-3413
Description  Ecosine 60 Hz Passive Harmonic Filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-3413 Datasheet(HTML) 4 Page - Schaffner International Ltd

  FN-3413 Datasheet HTML 1Page - Schaffner International Ltd FN-3413 Datasheet HTML 2Page - Schaffner International Ltd FN-3413 Datasheet HTML 3Page - Schaffner International Ltd FN-3413 Datasheet HTML 4Page - Schaffner International Ltd FN-3413 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Ecosine passive
Schaffner Group
Datasheets
11 Oct 2018
FN 3413-240 and -310
Installation.
All filters from FN 3413-8 to -130 are wall mountable and have
to be operated vertically. The filters FN 3413-150 and higher are designed for
floor mounting. In order to allow for sufficient air flow all filters must be clear
on top and bottom min. 150 mm.
Optional NEMA 1 cover.
All filters can be optionally fitted with a NEMA 1
cover. Please find order codes on previous pages.
Dimensions FN 3413
60 Hz
8
11
15
21
28
35
41
53
65
80
105
130
160
190
240
310
A
400
400
430
430
520
520
520
590
590
750
750
750
1000
1000
1000
1000
B
170
170
210
210
250
250
250
300
300
320
320
320
500
500
500
500
C
190
190
210
210
280
280
280
300
300
300
300
300
450
450
450
450
E
380
380
410
410
495
495
495
565
565
725
725
725
240
240
240
240
F
130
130
170
170
200
200
200
250
250
270
270
270
338
338
338
338
G
7
7
9
9
11
11
11
11
11
11
11
11
14x30
14x30
14x30
14x30
J
M6
M6
M6
M6
M8
M8
M8
M8
M8
M10
M10
M10
M10
M10
M10
M10
V
25
25
W
6
6
X
12.5
12.5
Y
40
40
Z
11
11
All dimensions in mm; 1 inch = 25.4 mm
Tolerances according: ISO 2768-m/EN 22768-m
Filter connector cross sections
-33
-34
-35
-40
-44
Solid wire
16 mm2
35 mm2
50 mm2
95 mm2
10 mm2
Flex wire
10 mm2
25 mm2
50 mm2
95 mm2
6 mm2
AWG type wire
AWG 6
AWG 2
AWG 1/0
AWG 4/0
AWG 8
Recommended torque
1.5-1.8 Nm
4.0-4.5 Nm
7-8 Nm
17-20 Nm
1.0-1.2 Nm
Please visit www.schaffner.com to find more details on filter connectors.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com