Electronic Components Datasheet Search
  English  ▼

X  

5434845 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5434845
Description  Printed-circuit board connector - BCP-350F-13 GY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5434845 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5434845 Datasheet HTML 1Page - PHOENIX CONTACT 5434845 Datasheet HTML 2Page - PHOENIX CONTACT 5434845 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5434845
11/07/2014   Page 1 / 3
Printed-circuit board connector - BCP-350F-13 GY - 5434845
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 13, Pitch: 3.5 mm,
Connection method: Screw connection, Color: signal grey, Contact surface: Tin
The figure shows a 5-pos. version of
the product
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
China
Technical data
Dimensions
Height
11.1 mm
Pitch
3.5 mm
Dimension a
42 mm
General
Range of articles
BCP-F
Insulating material group
I
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
160 V
Rated voltage (III/2)
160 V
Rated voltage (II/2)
320 V
Connection in acc. with standard
EN-VDE
Nominal current IN
8 A


Similar Part No. - 5434845

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5434803 PHOENIX-5434803 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350F- 9 GY
logo
TE Connectivity Ltd
543481-1 TEC-543481-1 Datasheet
452Kb / 4P
Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
logo
PHOENIX CONTACT
5434816 PHOENIX-5434816 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350F-10 GY
5434829 PHOENIX-5434829 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350F-11 GY
5434832 PHOENIX-5434832 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350F-12 GY
More results

Similar Description - 5434845

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5434890 PHOENIX-5434890 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350F-18 GY
5434900 PHOENIX-5434900 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350F-19 GY
5434861 PHOENIX-5434861 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350F-15 GY
5434874 PHOENIX-5434874 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350F-16 GY
5447780 PHOENIX-5447780 Datasheet
76Kb / 5P
Printed-circuit board connector - BCP-350F-13 GN
5434735 PHOENIX-5434735 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350F- 2 GY
5434748 PHOENIX-5434748 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350F- 3 GY
5434751 PHOENIX-5434751 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350F- 4 GY
5434793 PHOENIX-5434793 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350F- 8 GY
5434803 PHOENIX-5434803 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350F- 9 GY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com