Electronic Components Datasheet Search
  English  ▼

X  

8097187 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8097187
Description  Servo motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8097187 Datasheet(HTML) 2 Page - Festo Corporation.

  8097187 Datasheet HTML 1Page - Festo Corporation. 8097187 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Rotor position sensor
Absolute encoder, single-turn
Rotor position sensor interface
Nikon A-format
Rotor position sensor measuring principle
Optical
Temperature monitoring
Digital motor temperature transmission via Nikon A format
Max. rotational speed
5000 1/min
Nominal rotary speed
3000 1/min
Continuous stall current
4.2 A
Motor constants
0.662 Nm/A
Nominal operating voltage DC
300 V
Motor nominal power
750 W
DC nominal voltage
300 V
Motor nominal current
3.8 A
Rotor position sensor resolution
20 bit
Phase-phase winding resistance
2.1 Ohm
Winding inductance phase-phase
10.5 mH
Type of winding switch
Star inside
Peak current
11.4 A
Voltage constant, phase-to-phase
40 mVmin
Rating class according to EN 60034-1
S1
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU low voltage directive
As per EU RoHS directive
Corrosion resistance class (CRC)
0 - No corrosion stress
Storage temperature
-20 °C ... 55 °C
Relative air humidity
0 - 90 %
Degree of protection
IP65
Ambient temperature
-15 °C ... 40 °C
Thermal class according to EN 60034-1
F
Certification
c UL us - Recognized (OL)
Total output inertia moment
0.942 kgcm²
Nominal torque
2.39 Nm
Peak torque
7.17 Nm
Stall torque
2.63 Nm
Permissible axial shaft load
167.5 N
Permissible radial shaft load
335 N
Product weight
2800 g
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Conforms to standard
IEC 60034
12/20/20 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com