Electronic Components Datasheet Search
  English  ▼

X  

DH0006 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DH0006
Description  Current Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DH0006 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DH0006 Datasheet HTML 1Page - National Semiconductor (TI) DH0006 Datasheet HTML 2Page - National Semiconductor (TI) DH0006 Datasheet HTML 3Page - National Semiconductor (TI) DH0006 Datasheet HTML 4Page - National Semiconductor (TI) DH0006 Datasheet HTML 5Page - National Semiconductor (TI) DH0006 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Peak Power Supply Voltage (for 01 sec)
60V
Continuous Supply Voltage
45V
Input Voltage
55V
Input Extender Current
50 mA
Peak Output Current (50 ms On1 sec Off)
15A
Operating Temperature
DH0006
b
55 Cto a125 C
DH0006C
0 Cto a70 C
Storage Temperature
b
65 Cto a150 C
Electrical Characteristics (Note 1)
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
Logical ‘‘1’’ Input Voltage
VCC e 45V to 10V
20
Logical ‘‘0’’ Input Voltage
VCC e 45V to 10V
08
Logical ‘‘1’’ Output Voltage
VCC e 28V VIN e 20V IOUT e 400 mA
265
270
V
Logical ‘‘0’’ Output Voltage
VCC e 45V VIN e 08V RL e 1k
0001
001
Logical ‘‘1’’ Output Voltage
VCC e 10V VIN e 20V IOUT e 150 mA
88
92
Logical ‘‘0’’ Input Current
VCC e 45V VIN e 04V
b
08
b
10
mA
Logical ‘‘1’’ Input Current
VCC e 45V VIN e 24V
05
50
m
A
VCC e 45V VIN e 55V
100
‘‘Off’’ Power Supply Current
VCC e 45V VIN e 08V
16
20
mA
‘‘On’’ Power Supply Current
VCC e 45V VIN e 20V IOUT e 0mA
8
mA
Rise Time
VCC e 28V RL e 82X
010
Fall Time
08
m
s
Ton
026
Toff
22
Note 1
Unless otherwise specified limits shown apply from b55 Cto a125 C for DH0006 and 0 Cto a70 C for DH0006C
Note 2
Typical values are for 25 C ambient
Note 3
Power ratings for the TO-5 based on a maximum junction temperature of a175 C and iJA of 210 CW
Switching Time Waveforms
TLK10120 – 6
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com