Electronic Components Datasheet Search
  English  ▼

X  

PDS540 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDS540
Description  5A SCHOTTKY BARRIER RECTIFIER PowerDI 5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS540 Datasheet(HTML) 1 Page - Diodes Incorporated

  PDS540 Datasheet HTML 1Page - Diodes Incorporated PDS540 Datasheet HTML 2Page - Diodes Incorporated PDS540 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS30482 Rev. 6 - 2
1 of 3
PDS540
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
ã Diodes Incorporated
PDS540
5A SCHOTTKY BARRIER RECTIFIER
PowerDI ä5
Features
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
·
Case: PowerDIä5
·
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating
94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish – Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method
208
·
Polarity: See Diagram
·
Marking: See Page 3
·
Weight: 0.093 grams (approximate)
Mechanical Data
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Output Current (See also figure 5)
IO
5A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
120
A
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
Low Forward Voltage Drop
·
For Use in Low Voltage, High Frequency Inverters,
Free Wheeling, and Polarity Protection Applications
·
High Forward Surge Current Capability
·
Lead Free Finish
·
"Green" Molding Compound (No Br, Sb)
Maximum Ratings
@ TA = 25
°C unless otherwise specified
E
E1
b1
A
A2
A2
D
b2
b1
e
L1
L1
E
b1
D
b2
b1
e
D2
L
E2
L1
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
W
PowerDIä5
Dim
Min
Max
A
1.05
1.15
A2
0.33
0.43
b1
0.80
0.99
b2
1.70
1.88
D
3.90
4.05
D2
3.05 NOM
E
6.40
6.60
e
1.84 NOM
E1
5.30
5.45
E2
3.55 NOM
L
0.75
0.95
L1
0.50
0.65
W
1.20
1.50
All Dimensions in mm
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RqJS
¾
4.0
°C/W
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
95
¾°C/W
Thermal Resistance Junction to Ambient Air (Note 2)
RqJA
70
¾°C/W
Thermal Resistance Junction to Ambient Air (Note 3)
RqJA
50
¾°C/W
Notes:
1. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
2. Polyimide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
3. Polyimide PCB, 2 oz. Copper. Cathode pad dimensions 9.4mm x 7.2mm. Anode pad dimensions 2.7mm x 1.6mm.
Thermal Characteristics
@ TA = 25
°C unless otherwise specified


Similar Part No. - PDS540

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS540-13 DIODES-PDS540-13 Datasheet
106Kb / 5P
5A SCHOTTKY BARRIER RECTIFIER
DS30482 Rev. 11 - 2
PDS540-13 DIODES-PDS540-13_10 Datasheet
106Kb / 5P
5A SCHOTTKY BARRIER RECTIFIER
DS30482 Rev. 11 - 2
PDS540Q DIODES-PDS540Q Datasheet
412Kb / 6P
5A SCHOTTKY BARRIER RECTIFIER
Rev. 2 - 2 December 2017
PDS540Q-13 DIODES-PDS540Q-13 Datasheet
412Kb / 6P
5A SCHOTTKY BARRIER RECTIFIER
Rev. 2 - 2 December 2017
PDS540Q DIODES-PDS540Q_15 Datasheet
223Kb / 5P
5A SCHOTTKY BARRIER RECTIFIER POWERDI짰
Rev 1
More results

Similar Description - PDS540

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS340 DIODES-PDS340 Datasheet
114Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30478 Rev. 4 - 2
PDS3100 DIODES-PDS3100 Datasheet
104Kb / 3P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30487 Rev. 4 - 2
PDS3200 DIODES-PDS3200 Datasheet
103Kb / 3P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30470 Rev. 12 - 2
PDS5100H DIODES-PDS5100H Datasheet
97Kb / 3P
5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30471 Rev. 14 - 2
logo
Microsemi Corporation
UPDS1045 MICROSEMI-UPDS1045 Datasheet
322Kb / 4P
10 Amp Schottky Barrier Rectifier PowerDI??5
logo
Diodes Incorporated
PDS560 DIODES-PDS560_15 Datasheet
502Kb / 5P
5A SCHOTTKY BARRIER RECTIFIER
Rev 16
PDU540 DIODES-PDU540_15 Datasheet
128Kb / 4P
5A ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
Rev erse
logo
First Silicon Co., Ltd
SS52A FS-SS52A Datasheet
417Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBR5E45P5 DIODES-SBR5E45P5 Datasheet
237Kb / 5P
5A SBR® SUPER BARRIER RECTIFIER POWERDI®5
July 2015
SBR5E60P5 DIODES-SBR5E60P5 Datasheet
500Kb / 5P
5A SBR® SUPER BARRIER RECTIFIER POWERDI®5
November 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com