Electronic Components Datasheet Search
  English  ▼

X  

PDS3100 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDS3100
Description  3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI 5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS3100 Datasheet(HTML) 2 Page - Diodes Incorporated

  PDS3100 Datasheet HTML 1Page - Diodes Incorporated PDS3100 Datasheet HTML 2Page - Diodes Incorporated PDS3100 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30487 Rev. 4 - 2
2 of 3
PDS3100
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
0.01
0.1
1
10
0.001
0.0001
0
20
40
60
100
80
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
T = +25
°C
j
T = -65
°C
j
0.01
0.1
1.0
10
0
20
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig.3 Typical Reverse Characteristics
T = +125°C
j
T = +150°C
j
T = +100°C
j
T = +85°C
j
0.01
0
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Fig. 1 Typical Forward Characteristics
0.1
1
10
100
1000
10000
100000
100 200 300 400 500 600 700 800 900 1000 1100 1200 1300
T = 150°C
j
T = 125°C
j
T = 100°C
j
T = 85°C
j
T= 25°C
j
T = -65°C
j
0
40
V , REVERSE VOLTAGE (V)
R
Fig.4 Typical Total Capacitance vs. Reverse Voltage
0
100
50
200
150
250
300
5
10
15
20
25
30
35
f = 1MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
100
¾¾
V
IR = 0.2mA
Forward Voltage
VF
¾
¾
¾
¾
0.71
0.61
0.78
0.68
0.75
0.65
0.83
0.75
V
IF = 3A, Tj = 25
°C
IF = 3A, Tj = 100
°C
IF = 6A, Tj = 25
°C
IF = 6A, Tj = 100
°C
Reverse Current (Note 5)
IR
¾
¾
2
0.5
200
20
mA
mA
Tj = 25
°C, VR = 100V
Tj = 100
°C, VR = 100V
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
5. Short duration test pulse used to minimize self-heating effect.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com