Electronic Components Datasheet Search
  English  ▼

X  

XRT86L30 Datasheet(PDF) 73 Page - Exar Corporation

Part # XRT86L30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86L30 Datasheet(HTML) 73 Page - Exar Corporation

Back Button XRT86L30 Datasheet HTML 69Page - Exar Corporation XRT86L30 Datasheet HTML 70Page - Exar Corporation XRT86L30 Datasheet HTML 71Page - Exar Corporation XRT86L30 Datasheet HTML 72Page - Exar Corporation XRT86L30 Datasheet HTML 73Page - Exar Corporation XRT86L30 Datasheet HTML 74Page - Exar Corporation XRT86L30 Datasheet HTML 75Page - Exar Corporation XRT86L30 Datasheet HTML 76Page - Exar Corporation XRT86L30 Datasheet HTML 77Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 284 page
background image
XRT86L30
SINGLE T1/E1/J1 FRAMER/LIU COMBO
PRELIMINARY
REV. P1.0.1
68
TABLE 47: RECEIVE INTERFACE CONTROL REGISTER (RICR) - E1 MODE
Register 33 - E1 Mode
RECEIVE INTERFACE CONTROL REGISTER (RICR)
0X0122
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
RxSyncFrD
R/W
0
Rx synchronous fractional data interface
0 = Fractional data is clocked out from the chip using RxChCLK
1 = RxChClk is used to output fractional data enable instead of being fraction data
clock. In this mode, fractional data is clocked out of the chip using RxSerClk
(ungapped). RxChn still indicates the time slot number if RxFr2048 is not 1, RxI-
MODE[1:0] = 0, and RxMUXEN = 0.
6
Reserved
-
-
Reserved
5
RxPLClkEnb/
R/W
0
Rx Payload Clock Enable
1 = RxSerClk outputs Rx clock with OH bit period blocked while in 2.048MHz clock
output mode.
RxSyncislow
RxSync is low
In H.100 and HMVIP Mode
1 = RxSync active low.
0 = RxSync active high.
4
RxFr2048
R/W
0
Clock Inversion
1 = RxChn[0]/RxSig outputs signaling information, RxChn[1]/RxFrTD will output
fractional channel data in 2.048 MHz mode and RxChn[2] will output the serial
channel number of each time slot.
0 = RxChn[4:0] outputs the parallel channel number as usual.
3
RxICLKINV
N/A
0
Clock Inversion
0 = Data transition happens on the rising edge of the transmit clocks.
1 = Data transition happens on the falling edge of the transmit clocks.
2
RxMUXEN
R/W
0
Mux Enable
0 = No channel Multiplexing.
1 = Four channels are multiplexed in single serial stream.
1
RxIMODE[1]
R/W
0
Rx Intf Mode Selection
This mode selection determines the interface speed.
When RxMUXEN = 0
00 = Receive interface is presenting data at a rate of 2.048Mbit/s.
01 = Receive interface is presenting data at a rate of 2.048Mbit/s.
10 = Receive interface is presenting data at a rate of 4.096Mbit/s.
11 = Receive interface is presenting data at a rate of 8.192Mbit/s.
When RxMUXEN = 1
00 = Reserved
01 = Receive interface is taking data from the four LIU input channels 0 through 3 and
byte-multiplexing into the serial output channel 0. The TxSYNC pulse remains
“High” during the framing bit of each E1 frame.
10 = Receive interface is taking data from the four LIU input channels 0 through 3 and
byte-multiplexing into the serial output channel 0 (HMVIP Mode). The TxSYNC
pulse remains “High” during the last two bits of the previous E1 frame and the first
two bits of the current E1 frame.
11 = Receive interface is taking data from the four LIU input channels 0 through 3 and
byte-multiplexing into the serial output channel 0 (H.100 Mode). The TxSYNC
pulse remains “High” during the last bit of the previous E1 frame and the first bit of
the current E1 frame.
NOTE: Channels 4 through 7 are multiplexed into the serial output at channel 4.
0
RxIMODE[0]
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com