Electronic Components Datasheet Search
  English  ▼

X  

FN-3480 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN-3480
Description  480 VAC 50 Hz Full Performance Passive Harmonic Filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-3480 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-3480 Datasheet HTML 1Page - Schaffner International Ltd FN-3480 Datasheet HTML 2Page - Schaffner International Ltd FN-3480 Datasheet HTML 3Page - Schaffner International Ltd FN-3480 Datasheet HTML 4Page - Schaffner International Ltd FN-3480 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Ecosine passive
Schaffner Group
Datasheets
09 Oct 2020
Filter selection table with circuit breaker module
Filter
Rated load power
Motor drive
Rated filter
Typical power losses @ 40°C
Circuit breaker
Weight
Terminal
Frame
@ 480 V/50 Hz
input current*
input current
rated current
size
[kW]
[Arms]
[Arms]
[W]
[A]
[kg]
FN 3480-315-99-E0XXSXX
315
565
393
3278
250
270
Busbar
S10
FN 3480-355-99-E0XXSXX
355
630
442
3343
250
328
Busbar
S10
FN 3480-400-99-E0XXSXX
400
701
499
3584
300
366
Busbar
S12
FN 3480-500-99-E0XXSXX
500
856
629
4356
400
385
Busbar
L10
FN 3480-560-99-E0XXSXX
560
947
705
4536
400
410
Busbar
L12
*
Motor drive input current without harmonic filter.
Filter selection table with trap disconnect jumper
Filter
Rated load power
Motor drive
Rated filter
Typical power losses @ 40°C
Weight
Terminal
Frame
@ 480 V/50 Hz
input current*
input current
size
[kW]
[Arms]
[Arms]
[W]
[kg]
FN 3480-315-99-E0XXJXX
315
565
394
3278
270
Busbar
S10
FN 3480-355-99-E0XXJXX
355
630
442
3343
328
Busbar
S10
FN 3480-400-99-E0XXJXX
400
701
499
3584
366
Busbar
S12
FN 3480-500-99-E0XXJXX
500
856
629
4356
385
Busbar
L10
FN 3480-560-99-E0XXJXX
560
947
705
4536
410
Busbar
L12
*
Motor drive input current without harmonic filter.
Earth terminals
Earth (PE)
Screw thread
Screw torque value
[Nm]
S08-L12
M12
20-25
Frame size designation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com