Electronic Components Datasheet Search
  English  ▼

X  

FN-9244 Datasheet(PDF) 4 Page - Schaffner International Ltd

Part # FN-9244
Description  Excellent Performance EMC/EMI Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-9244 Datasheet(HTML) 4 Page - Schaffner International Ltd

  FN-9244 Datasheet HTML 1Page - Schaffner International Ltd FN-9244 Datasheet HTML 2Page - Schaffner International Ltd FN-9244 Datasheet HTML 3Page - Schaffner International Ltd FN-9244 Datasheet HTML 4Page - Schaffner International Ltd FN-9244 Datasheet HTML 5Page - Schaffner International Ltd FN-9244 Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
EMC/EMI Products
Schaffner Group Datasheets 16 Apr 2020
FN 9244 U
Installation
Panel cut out
Dimensions
FN 9244
FN 9244 U
FN 92244 S
FN 92244 S1
FN 9244-HI
Tol.
A
48
48
29.9
29.9
48
B
22.4
25
22.4
22.4
22.4
C
40
40
40
±0.2
D
38.25
38.25
38.25
38.25
38.25
E
27.8
27.7
27.8
27.8
27.8
+0.6/-0
F
5.7
5.7
5.7
5.7
5.7
G
20.1
20.1
20.1
20.1
20.1
+0.6/-0
H
Ø3.3
Ø3.3
Ø3.3
I
14
14
14
14
14
J
13.3
13.3
13.3
13.3
13.3
M
R ≤3
R ≤3
R ≤1.5
R ≤1.5
R ≤3
N
21.5
21.5
20.8
21.9
21.5
P
28.5
28.5
29.4
28.5
28.5
R*
M3
M3
M3
S
90°
90°
90°
T**
0.7-1.5
0.7-1.5
T**
1.5-2.2
1.5-2.2
**Recommended torque for M3 (90° countersunk flat head) is 0.5 Nm
** For selecting the panel thickness, please refer to the filter selector table.
All dimensions in mm; 1 inch = 25.4 mm
Tolerances according: ISO 2768-m/EN 22768-m
Please visit www.schaffner.com to find more details on connectors.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com